Electronic Components Datasheet Search
  English  ▼

X  

SFT5002 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT5002
Description  NPN HIGH SPEED POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT5002 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT5002 Datasheet HTML 1Page - Solid States Devices, Inc SFT5002 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0020D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT5002
SFT5004 __ __ __
│
│
│
│
│
│
│
│
│
│
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
└ Lead Bend 3/ __ = Straight Leads
UB = Up Bend
DB = Down Bend
└ Package 3/ /59 = TO-59
M = TO-254
J = TO-257
SFT5002/SFT5004
Series
10 AMP
NPN HIGH SPEED
POWER TRANSISTOR
150 VOLTS
Features:
• BVCEO 120V min.
• Fast Switching
• High Frequency
• High Linear Gain, Low Saturation Voltage
• Radiation Tolerant
• 200°C Operating Temperature
• High Current, High Voltage Version of
2N5002 and 2N5004
• TX, TXV, S-Level Screening Available -
Consult Factory.
Maximum Ratings
Symbol
Value
Units
Collector – Base Voltage
VCBO
150
Volts
Collector – Emitter Voltage
VCEO
120
Volts
Emitter – Base Voltage
VEBO
6.0
Volts
Continuous Collector Current
IC
10
Amps
Base Current
IB
2
Amps
Total Device Dissipation @ TC = 25ºC
Derate Above 25ºC
PD
50
0.33
Watts
W/ºC
Operating & Storage Temperature
TJ & TSTG
-65 to +200
ºC
Maximum Thermal Resistance
(Junction to Case)
R0JC
3.0
ºC/W
Available Part Numbers:
TO-59 (/59)
TO-254 (M)
TO-257 (J)
SFT5002/59
SFT5004/59
SFT5002J
SFT5002JUB
SFT5002JDB
SFT5004J
SFT5004JUB
SFT5004JDB
SFT5002M
SFT5002MUB
SFT5002MDB
SFT5004M
SFT5004MUB
SFT5004MDB
PIN ASSIGNMENT
CODE
FUNCTION
PIN 1
PIN 2
PIN 3
-
Normal
Collector
Emitter
Base


Similar Part No. - SFT5002

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT5002 SSDI-SFT5002 Datasheet
97Kb / 2P
10 AMP 150 VOLTS NPN HIGH SPEED POWER TRANSISTOR
SFT5002/59 SSDI-SFT5002/59 Datasheet
97Kb / 2P
10 AMP 150 VOLTS NPN HIGH SPEED POWER TRANSISTOR
SFT5002J SSDI-SFT5002J Datasheet
97Kb / 2P
10 AMP 150 VOLTS NPN HIGH SPEED POWER TRANSISTOR
SFT5002JDB SSDI-SFT5002JDB Datasheet
97Kb / 2P
10 AMP 150 VOLTS NPN HIGH SPEED POWER TRANSISTOR
SFT5002JUB SSDI-SFT5002JUB Datasheet
97Kb / 2P
10 AMP 150 VOLTS NPN HIGH SPEED POWER TRANSISTOR
More results

Similar Description - SFT5002

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT2222A SSDI-SFT2222A Datasheet
176Kb / 3P
NPN High Speed Transistor
SFT6678 SSDI-SFT6678_1 Datasheet
205Kb / 3P
NPN High Speed Power Transistor
logo
New Jersey Semi-Conduct...
2N5330 NJSEMI-2N5330 Datasheet
247Kb / 2P
HIGH SPEED NPN TRANSISTOR
SVT6062 NJSEMI-SVT6062 Datasheet
125Kb / 2P
HIGH SPEED NPN POWER DARLINGTON TRANSISTOR
logo
Solid States Devices, I...
TR0020E SSDI-TR0020E Datasheet
126Kb / 2P
NPN HIGH SPEED POWER TRANSISTOR
TR0024A SSDI-TR0024A Datasheet
38Kb / 2P
NPN HIGH SPEED TRANSISTOR
TR0025 SSDI-TR0025 Datasheet
52Kb / 2P
NPN HIGH SPEED POWER TRANSISTOR
TR0027 SSDI-TR0027 Datasheet
44Kb / 2P
HIGH SPEED NPN TRANSISTOR
TR0041 SSDI-TR0041 Datasheet
36Kb / 2P
HIGH SPEED NPN Transistor
TR0105B SSDI-TR0105B Datasheet
150Kb / 2P
HIGH SPEED NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com