Electronic Components Datasheet Search
  English  ▼

X  

SFT5097 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT5097
Description  High Voltage NPN Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT5097 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT5097 Datasheet HTML 1Page - Solid States Devices, Inc SFT5097 Datasheet HTML 2Page - Solid States Devices, Inc SFT5097 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0118A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT5095
SFT5097 __ __
│
│
│
│
│
└ Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
│
│
└ Package
-4 = 4 Pin CLCC
/5 = TO-5
G = CERPACK
S.22 = SMD.22
SFT5095 and SFT5097
Series
1 AMP
High Voltage NPN Transistor
500-600 Volts
Features:
BVCEO to 450 Volts
Low saturation voltage
Very low leakage
200
oC operating temperature
Gold eutectic die attach
Designed for complementary use with 2N5094
and 2N5096
Available with TO-5, Cerpack, CLCC, and
SMD.22 Cases
TX, TXV, and S Level Screening Available
Maximum Ratings
3/
Symbol
SFT5095
SFT5097
Units
Collector – Emitter Voltage
(RBE = 1kΩ)
VCEO
VCER
400
500
450
600
Volts
Volts
Collector – Base Voltage
VCBO
500
600
Volts
Emitter – Base Voltage
VEBO
6
Volts
Collector Current
IC
1.0
Amps
Base Current
IB
0.5
Amps
Total Power Dissipation @ TC = 100ºC
Derate above 100ºC
PD
2.0
20
Watts
mW /ºC
Operating & Storage Temperature
TJ & TSTG
-65 to +200
ºC
Thermal Resistance
(Junction to Case)
4 Pin CLCC
TO-5
CERPACK
SMD.22
R0JA
R0JC
R0JC
R0JC
175
37.5
9
9
ºC/W
4 Pin CLCC (-4)
TO-5 (/5)
CERPACK (G)
SMD.22 (S22)
NOTES:
1/ For ordering information, price, operating curves, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, maximum ratings/electrical characteristics at 25°C.


Similar Part No. - SFT5097

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT5097 SSDI-SFT5097 Datasheet
154Kb / 3P
1 AMP High Voltage NPN Transistor 500-600 Volts
More results

Similar Description - SFT5097

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
NPN (HIGH VOLTAGE TRANSISTOR)
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
High Voltage NPN Transistor
logo
Unisonic Technologies
2SC5353B UTC-2SC5353B Datasheet
246Kb / 4P
HIGH VOLTAGE NPN TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA44 UTC-PZTA44_12 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003A TSC-TS13003A_14 Datasheet
388Kb / 5P
High Voltage NPN Transistor
logo
Unisonic Technologies
PZTA45 UTC-PZTA45_15 Datasheet
112Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Nexperia B.V. All right...
MMBTA42-Q NEXPERIA-MMBTA42-Q Datasheet
181Kb / 7P
NPN high-voltage transistor
9 August 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com