Electronic Components Datasheet Search
  English  ▼

X  

SFT6036 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFT6036
Description  PNP Darlington Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT6036 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFT6036 Datasheet HTML 1Page - Solid States Devices, Inc SFT6036 Datasheet HTML 2Page - Solid States Devices, Inc SFT6036 Datasheet HTML 3Page - Solid States Devices, Inc SFT6036 Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0120A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT6036 series
Electrical Characteristics
3/
Symbol
Min
Typ
Max
Units
Collector – Emitter Breakdown Voltage*
IC = 100 mA
BVCEO
80
95
-
Volts
Collector – Emitter Cutoff Current,
VCE = 80V, IB = 0
ICEO
-
0.05
100
uA
Collector – Emitter Cutoff Current
VCE = 80V, VBE (off)= 1.5V
VCE = 80V, VBE (off)= 1.5V, TC= 125ºC
ICEX
-
-
0.05
12.5
100
500
uA
Collector Cutoff Current
VCB = 80V
ICBO
-
0.05
500
uA
Emitter Cutoff Current
(VBE = 5V)
IEBO
0.65
2
mA
DC Current Gain*
(IC = 0.5A, VCE = 3V)
(IC = 2A, VCE = 3V)
(IC = 4A, VCE = 3V)
HFE
500
750
100
4,000
3,800
900
-
15,000
-
Collector-Emitter Saturation
Voltage*
IC = 2A, IB = 8mA
IC = 4A, IB = 40mA
VCE (SAT)1
VCE (SAT)2
-
-
1.1
1.6
2
3
V
Base-Emitter Saturation
Voltage*
IC = 4A, IB = 40mA
VBE (SAT)2
-
2.25
4
V
Base-Emitter Voltage
IC = 2A, VCE = 3V
VBE (ON)
-
1.65
2.8
V
Small Signal Current Gain
IC = 0.75A, VCE = 10V, f = 1MHz
hfe
25
1400
-
Output Capacitance
VCB = 15V, IE = 0A, f = 2.0MHz
Cob
-
40
200
pF
Electrical Characteristics
3/
Symbol
Typical
Units
Delay Time
Rise Time
Storage Time
Fall Time
VCC= -30V
IC= 4A
IB1 = IB2 = 16mA
td
tr
ts
tf
45
200
600
450
ns
ns
ns
ns
Notes: * Pulse Test: Pulse Width = 300 μs. Duty Cycle = 2%.
1/ For ordering information, price, operating curves, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, maximum ratings/electrical characteristics at 25°C.
PIN ASSIGNMENT (Standard)
Package
Collector
Emitter
Base
TO-5 (/5)
3
1
2
TO-254(M)
1
2
3
TO-257(J)
1
2
3
SMD.3 (S.3)
1
2
3
SMD.5 (S.5)
1
2
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com