Electronic Components Datasheet Search
  English  ▼

X  

SFT6678M Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT6678M
Description  NPN High Speed Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT6678M Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT6678M Datasheet HTML 1Page - Solid States Devices, Inc SFT6678M Datasheet HTML 2Page - Solid States Devices, Inc SFT6678M Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0019D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT6678 M __ TX
│
│
│
│
│
│
│
│
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
└ Lead Bend 3/ _ = Straight Leads
UB = Up Bend
DB = Down Bend
└ Package
M = TO-254
Z = TO-254Z
/3 = TO-3
SFT6678 SERIES
15 AMPS
400 Volts
NPN High Speed
Power Transistor
Application Notes:
• Replaces Industry Standard 2N6678
• Designed for High Voltage, High Speed,
Power Switching Applications Such as:
• Off-Line Supplies
• Converter Circuits
• Pulse Width Modulated Regulators
• Motor Controls
• Deflection Circuits
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
400
Volts
Collector – Base Voltage
VCBO
650
Volts
Emitter – Base Voltage
VEBO
8.0
Volts
Continuous Collector Current
IC
15
Amps
Continuous Base Current
IB
5.0
Amps
Operating and Storage Temperature
TJ, TSTG
-65 to +200
°C
Total Power Dissipation
@ TC=25°C
@ TA=25°C
PD
175
6.0
W
W
Maximum Thermal Resistance
(Junction to Case)
(Ambient to Case)
R0JC
R0JA
1.0
29.17
ºC/W
TO-254 (M)
TO-254 (Z)
TO-3 (/3)
NOTES:
* Pulse Test: Pulse Width = 300 µs, Duty Cycle < 2%
1/
For ordering information, price, and availability contact factory.
2/
Screening based on MIL-PRF-19500. Screening flows available on request.
3/
Up and down bend configurations available for M and Z (TO-254 and TO-254Z) packages only.
4/
All electrical characteristics @ 25°C, unless otherwise specified.


Similar Part No. - SFT6678M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT6678M SSDI-SFT6678M Datasheet
39Kb / 2P
15 AMPS 400 Volts NPN High Speed Power Transistor
SFT6678MDB SSDI-SFT6678MDB Datasheet
39Kb / 2P
15 AMPS 400 Volts NPN High Speed Power Transistor
SFT6678MUB SSDI-SFT6678MUB Datasheet
39Kb / 2P
15 AMPS 400 Volts NPN High Speed Power Transistor
More results

Similar Description - SFT6678M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT2222A SSDI-SFT2222A Datasheet
176Kb / 3P
NPN High Speed Transistor
SFT5002 SSDI-SFT5002_1 Datasheet
117Kb / 2P
NPN HIGH SPEED POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N5330 NJSEMI-2N5330 Datasheet
247Kb / 2P
HIGH SPEED NPN TRANSISTOR
SVT6062 NJSEMI-SVT6062 Datasheet
125Kb / 2P
HIGH SPEED NPN POWER DARLINGTON TRANSISTOR
logo
Solid States Devices, I...
TR0020E SSDI-TR0020E Datasheet
126Kb / 2P
NPN HIGH SPEED POWER TRANSISTOR
TR0024A SSDI-TR0024A Datasheet
38Kb / 2P
NPN HIGH SPEED TRANSISTOR
TR0025 SSDI-TR0025 Datasheet
52Kb / 2P
NPN HIGH SPEED POWER TRANSISTOR
TR0027 SSDI-TR0027 Datasheet
44Kb / 2P
HIGH SPEED NPN TRANSISTOR
TR0041 SSDI-TR0041 Datasheet
36Kb / 2P
HIGH SPEED NPN Transistor
TR0105B SSDI-TR0105B Datasheet
150Kb / 2P
HIGH SPEED NPN TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com