Electronic Components Datasheet Search
  English  ▼

X  

MAX66020K Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX66020K
Description  ISO/IEC 14443 Type B-Compliant 1Kb Memory Fob Read and Write (64-Bit Block)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX66020K Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX66020K Datasheet HTML 17Page - Maxim Integrated Products MAX66020K Datasheet HTML 18Page - Maxim Integrated Products MAX66020K Datasheet HTML 19Page - Maxim Integrated Products MAX66020K Datasheet HTML 20Page - Maxim Integrated Products MAX66020K Datasheet HTML 21Page - Maxim Integrated Products MAX66020K Datasheet HTML 22Page - Maxim Integrated Products MAX66020K Datasheet HTML 23Page - Maxim Integrated Products MAX66020K Datasheet HTML 24Page - Maxim Integrated Products MAX66020K Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
ISO/IEC 14443 Type B-Compliant
1Kb Memory Fob
______________________________________________________________________________________
21
Param 2 informs the slave about the data rate that shall
be used for communication in the ACTIVE state and the
maximum frame size that the master can receive.
Figure 26 shows the bit assignments for the Param 2
byte. The MAX66020 supports the data rates of
105.9kbps (code 00b), 211.9kbps (code 01b),
423.75kbps (code 10b), and 847.5kbps (code 11b).
The master can choose different data rates for request
and response. Since it does not support chaining, the
MAX66020 ignores the frame size capability and
assumes that the master can receive frames as large
as specified in the ATQB response.
The lower nibble of Param 3 is used to confirm the pro-
tocol type as specified in the lower nibble of the second
byte of the ATQB protocol info. Since ISO/IEC 14443-3
sets the upper nibble of Param 3 to 0000b, the Param 3
value to be used for the MAX66020 in the ATTRIB
request is 01h.
Param 4 assigns the slave the CID number that is used
with the block transmission protocol to address one of
several slaves in the ACTIVE state. Figure 27 shows the
Param 4 bit assignments. Since the MAX66020 sup-
ports the CID field, the master can assign any number
in the range from 0 to 14. According to ISO/IEC 14443-
3, code 15 is reserved.
The ATTRIB request frame contains one optional field,
called higher layer information (HLINF). This field can
be used to include data as in the information field of the
ISO/IEC 14443 Type B block transmission protocol (see
Figure 11). If such data is present and the slave sup-
ports the HLINF field, then the slave processes the
HLINF data and returns the result in its response to the
ATTRIB request. Typically, the ATTRIB request is trans-
mitted without HLINF field. The only HLINF data that the
MAX66020 accepts and processes is the Get UID com-
mand, code 30h.
If the ATTRIB request has a matching PUPI and a valid
CRC, the slave transmits an ATTRIB response frame, as
shown in Figure 28. The upper nibble of the indicator,
also referred to as MBLI, is 0000b, telling that the slave
does not provide any information on its internal input
buffer size; the lower nibble returns the card identifier
value that the master has just assigned to the slave.
The HL response field is optional. There are three
cases to be distinguished:
a) If there was no HLINF field in the ATTRIB request,
then there is no HL response field in the response.
b) If there was a Get UID command code (30h) in the
HLINF field of the ATTRIB request, then the HL
response field is identical to the Get UID response
information field (i.e., 00h followed by the 8-byte UID).
c) If the code in the HLINF field of the ATTRIB request
was different from 30h, then the response frame does
not contain an HL response field.
DESELECT Command
The DESELECT command is used to transition the slave
from the ACTIVE to the HALT state after the master has
completed the communication with the slave. There are
two versions of the deselect request frame, one without
CID and one with CID. Figure 29 shows both versions.
Figure 27 shows the CID format.
Logically, the DESELECT command is a special case of
the S-block of the block transmission protocol, as
defined in part 4 of the ISO/IEC 14443 standard. The
MAX66020 responds to a DESELECT command if the
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
MSB
LSB
XXXX
RESPONSE DATA
RATE (UPLINK)
RECEIVER FRAME SIZE CAPABILITY
RESPONSE DATA
RATE (DOWNLINK)
Figure 26. Bit Assignments for Param 2 Byte
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
MSB
LSB
0
(FIXED)
CARD IDENTIFIER VALUE (CID)
0
00
Figure 27. Bit Assignments for Param 4 Byte
SOF
FRAME WITHOUT CID
CRC
EOF
(2 BYTES)
COMMAND
C2h
SOF
FRAME WITH CID
CRC
EOF
(2 BYTES)
CID
(1 BYTE)
COMMAND
CAh
Figure 29. DESELECT Request and Response Frames
INDICATOR
SOF
CRC
EOF
MBLI, CID
(2 BYTES)
HL RESPONSE
(
≥ 0 BYTES)
Figure 28. ATTRIB Response Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com