Electronic Components Datasheet Search
  English  ▼

X  

MAX66040K Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX66040K
Description  ISO/IEC 14443 Type B-Compliant Secure Memory Supports AFI and CID Function
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX66040K Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX66040K Datasheet HTML 9Page - Maxim Integrated Products MAX66040K Datasheet HTML 10Page - Maxim Integrated Products MAX66040K Datasheet HTML 11Page - Maxim Integrated Products MAX66040K Datasheet HTML 12Page - Maxim Integrated Products MAX66040K Datasheet HTML 13Page - Maxim Integrated Products MAX66040K Datasheet HTML 14Page - Maxim Integrated Products MAX66040K Datasheet HTML 15Page - Maxim Integrated Products MAX66040K Datasheet HTML 16Page - Maxim Integrated Products MAX66040K Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
ISO/IEC 14443-3 Type B Initialization
and Anticollision Protocol
Before an ISO/IEC 14443-compliant RF device gives
access to its memory, a communication path between
the master and the RF device must be established.
Initially, the master has no information whether there are
any RF devices in the field of its antenna. To find out
whether there are one or more RF devices compliant to
a known standard in the field, the master uses a stan-
dard-specific initialization and anticollision protocol.
The ISO/IEC 14443 Type B protocol defines six states:
POWER-OFF, IDLE, WAITING FOR SLOT-MARKER,
READY, HALT, and ACTIVE. Figure 17 shows these
states and the conditions under which a slave transi-
tions between states. For most cases, letters surround-
ed by small circles reference the condition under which
a transition occurs. The conditions are explained in the
legend to Figure 17. Table 14 explains terms that are
used in the anticollision protocol and in the network
function command description.
ISO/IEC 14443 Type B-Compliant
Secure Memory
22
______________________________________________________________________________________
ABRIDGED DATA SHEET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com