Electronic Components Datasheet Search
  English  ▼

X  

BAS16W Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAS16W
Description  Silicon Switching Diode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS16W Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAS16W Datasheet HTML 1Page - Infineon Technologies AG BAS16W Datasheet HTML 2Page - Infineon Technologies AG BAS16W Datasheet HTML 3Page - Infineon Technologies AG BAS16W Datasheet HTML 4Page - Infineon Technologies AG BAS16W Datasheet HTML 5Page - Infineon Technologies AG BAS16W Datasheet HTML 6Page - Infineon Technologies AG BAS16W Datasheet HTML 7Page - Infineon Technologies AG BAS16W Datasheet HTML 8Page - Infineon Technologies AG BAS16W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
2009-09-28
3
BAS16...
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAS16, BAS16S
BAS16-02L, -07L4
BAS16-02V, -02W
BAS16-03W
BAS16U
BAS16W
RthJS
≤ 260
≤ 80
≤ 120
≤ 135
≤ 150
≤ 125
K/W
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage
I(BR) = 100 µA
V(BR)
85
-
-
V
Reverse current
VR = 75 V
VR = 25 V, TA = 150 °C
VR = 75 V, TA = 150 °C
IR
-
-
-
-
-
-
1
30
50
µA
Forward voltage
IF = 1 mA
IF = 10 mA
IF = 50 mA
IF = 100 mA
IF = 150 mA
VF
-
-
-
-
-
-
-
-
-
-
715
855
1000
1200
1250
mV
Forward recovery voltage
IF = 10 mA, tP = 20 ns
Vfr
-
-
1.75
V
1For calculation of RthJA please refer to Application Note Thermal Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com