Electronic Components Datasheet Search
  English  ▼

X  

BAS3020B Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAS3020B
Description  Schottky Rectifier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS3020B Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAS3020B Datasheet HTML 1Page - Infineon Technologies AG BAS3020B Datasheet HTML 2Page - Infineon Technologies AG BAS3020B Datasheet HTML 3Page - Infineon Technologies AG BAS3020B Datasheet HTML 4Page - Infineon Technologies AG BAS3020B Datasheet HTML 5Page - Infineon Technologies AG BAS3020B Datasheet HTML 6Page - Infineon Technologies AG BAS3020B Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2007-12-14
2
BAS3020B...
Maximum Ratings at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage1)
VR
30
V
Peak reverse voltage1)
VRM
30
RMS reverse voltage1)
VR(RMS)
21
Forward current1)2), TS ≤ 96°C
IF
2
A
Repetitive peak forward current2)
(tp ≤ 1 ms, D ≤ 0.5)
IFRM
3.5
Non-repetitive peak surge forward current2)
(t
≤ 10ms)
IFSM
10
Junction temperature
Tj
150
°C
Operating temperature range
Top
-55 ...125
Storage temperature
Tstg
-65 ...150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point3)
RthJS
≤ 42
K/W
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current4)
VR = 5 V
VR = 10 V
VR = 30 V
IR
-
-
-
5
10
40
25
50
200
µA
Forward voltage4)
IF = 500 mA
IF = 1 A
IF = 2 A
VF
-
-
-
350
410
530
410
470
600
mV
1For TA > 25 °C the derating of VR and IF has to be considered. Please refer to the attached curves.
2Only valid if pins 3 and 4 are connected in parallel.
3For calculation of RthJA please refer to Application Note Thermal Resistance.
4Pulsed test: tp ≤ 300 µs; D = ≤ 0.02



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com