Electronic Components Datasheet Search
  English  ▼

X  

SPD3595 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD3595
Description  STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD3595 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD3595 Datasheet HTML 1Page - Solid States Devices, Inc SPD3595 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0127C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD____ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level (for SM, use –S)
│
│
│
│
│
│
└ Package Type
__ = Axial Leaded
SM = Surface Mount Round Tab
(MELF)
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
│
│
└
Device Type ( VRWM )
3595 = 125 V
SPD3595
150 mA
125 VOLT
3
μsec STANDARD RECOVERY
RECTIFIER
FEATURES:
•
Standard Reverse Recovery Time: 3
μsec Max
•
Hermetically Sealed
•
Planar Passivated Chip
•
For High Efficiency Applications
•
Available in Axial, Subminiature Round Tab &
Subminiature Square Tab Versions
•
Faster Devices Available – Contact Factory
•
TX, TXV, and S-Level Screening Available
2/
• Replacement for 1N3595
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
DC Blocking Voltage
VRWM
VR
125
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TC = 25°C)
IO
150
mAmps
Peak Surge Current
(t = 1sec, Ta = 25°C)
IFSM
500
mAmps
Operating & Storage Temperature
TOP and TSTG
-65 to +175
°C
Thermal Resistance
Junction to End Tab (SM & SMS)
Axial- Junction to Lead @ .375”
RθJE
RθJL
100
250
°C/W
NOTES:
1/ For Ordering Information, Price, and
Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500.
Screening Flows Available on Request.
3/ Unless Otherwise Specified, All Electrical
Characteristics @25ºC.
Axial Leaded
SM
SMS


Similar Part No. - SPD3595

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD3595 SSDI-SPD3595 Datasheet
166Kb / 2P
150mA 125 VOLT 3 nsec STANDARD RECOVERY
SPD3595S SSDI-SPD3595S Datasheet
166Kb / 2P
150mA 125 VOLT 3 nsec STANDARD RECOVERY
SPD3595SM SSDI-SPD3595SM Datasheet
166Kb / 2P
150mA 125 VOLT 3 nsec STANDARD RECOVERY
SPD3595SMS SSDI-SPD3595SMS Datasheet
166Kb / 2P
150mA 125 VOLT 3 nsec STANDARD RECOVERY
SPD3595SMSS SSDI-SPD3595SMSS Datasheet
166Kb / 2P
150mA 125 VOLT 3 nsec STANDARD RECOVERY
More results

Similar Description - SPD3595

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD645-1 SSDI-SPD645-1_1 Datasheet
210Kb / 2P
STANDARD RECOVERY RECTIFIER
SPD5550 SSDI-SPD5550_1 Datasheet
156Kb / 2P
STANDARD RECOVERY RECTIFIER
SPD6557 SSDI-SPD6557_2 Datasheet
77Kb / 2P
STANDARD RECOVERY RECTIFIER
logo
Digitron Semiconductors
1N1183 DIGITRON-1N1183 Datasheet
124Kb / 3P
STANDARD RECOVERY RECTIFIER
logo
Solid States Devices, I...
R00005B SSDI-R00005B Datasheet
97Kb / 2P
STANDARD RECOVERY RECTIFIER
R00019B SSDI-R00019B Datasheet
45Kb / 2P
STANDARD RECOVERY RECTIFIER
RC0046F SSDI-RC0046F Datasheet
137Kb / 2P
STANDARD RECOVERY RECTIFIER
RC0091C SSDI-RC0091C Datasheet
100Kb / 2P
STANDARD RECOVERY RECTIFIER
RC0136A SSDI-RC0136A Datasheet
74Kb / 2P
STANDARD RECOVERY RECTIFIER
RC0091C SSDI-RC0091C_15 Datasheet
100Kb / 2P
STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com