Electronic Components Datasheet Search
  English  ▼

X  

BCP54 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BCP54
Description  NPN Silicon AF Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCP54 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BCP54 Datasheet HTML 1Page - Infineon Technologies AG BCP54 Datasheet HTML 2Page - Infineon Technologies AG BCP54 Datasheet HTML 3Page - Infineon Technologies AG BCP54 Datasheet HTML 4Page - Infineon Technologies AG BCP54 Datasheet HTML 5Page - Infineon Technologies AG BCP54 Datasheet HTML 6Page - Infineon Technologies AG BCP54 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
2008-10-10
BCP54...-BCP56...
DC current gain hFE = ƒ(IC)
VCE = 2 V
EHP00268
BCP 54...56
3
10
mA
0
10
3
10
5
5
10
0
10
1
10
1
C
FE
h
Ι
2
10
2
10
C
100
5
25 C
-50 C
10
4
Collector-emitter saturation voltage
IC = ƒ(VCEsat), hFE = 10
0
EHP00271
BCP 54...56
CEsat
V
0.4
V
0.8
100
101
3
10
Ι
C
mA
C
2
10
0.2
0.6
104
100
25 C
C
-50
Base-emitter saturation voltage
IC = ƒ(VBEsat), hFE = 10
0
10
EHP00270
BCP 54...56
BEsat
V
0
4
10
Ι
C
mA
0.2
1
10
2
10
3
10
0.4
0.6
0.8
1.2
V
C
100
25 C
-50 C
Collector cutoff current ICBO = ƒ(TA)
VCBO = 30 V
0
10
EHP00269
BCP 54...56
A
T
150
-1
4
10
Ι
CBO
nA
50
100
0
10
1
10
3
10
C
102
max
typ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com