Electronic Components Datasheet Search
  English  ▼

X  

SPD5614 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD5614
Description  STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5614 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD5614 Datasheet HTML 1Page - Solid States Devices, Inc SPD5614 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: R00011E
DOC
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
ELECTRICAL CHARACTERISTICS
Symbol
Value
Unit
Instantaneous Forward Voltage Drop
(IF = 1 Amp, TA = 25
oC, 300-500 μs Pulse)
VF
1.0
Volts
Instantaneous Forward Voltage Drop
(IF = 1 Amp, TA = -55
oC, 300-500 μs Pulse)
VF
1.2
Volts
Reverse Leakage Current
(Rated VR, TA = 25
oC, 300 μs Pulse minimum)
IR
2
μA
Max Reverse Leakage Current
(Rated VR, TA = 100
oC, 300 μs Pulse minimum)
IR
200
μA
Max Junction Capacitance
(VR =10 VDC, TA = 25
oC, f= 1 MHz)
CJ
20
pF
Reverse Recovery Time
(IF =500 mA, IR =1 A, IRR =250 mA, TA = 25
oC)
trr
5
μsec
CASE OUTLINE: AXIAL
DIMENSIONS
DIM
MIN
MAX
A
---
.150"
B
---
.180"
C
.027"
.033"
D
1.00"
---
CASE OUTLINE: (SM) SURFACE MOUNT ROUND TAB
DIMENSIONS
DIM
MIN
MAX
A
.095”
.105”
B
.185”
.205”
C
.010”
.022”
CASE OUTLINE: (SMS) SURFACE MOUNT SQUARE TAB
DIMENSIONS
DIM
MIN
MAX
A
.125”
.135”
B
.205”
.255”
C
.022”
.028”
D
.002”
---
Solid State Devices, Inc.
14701Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD5614 thru SPD5622
SPD5614SM thru SPD5622SM
SPD5614SMS thru SPD5622SMS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com