Electronic Components Datasheet Search
  English  ▼

X  

SPD5615 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD5615
Description  FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5615 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD5615 Datasheet HTML 1Page - Solid States Devices, Inc SPD5615 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0104C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD __ __ __
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
└
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
Family/Voltage
5615 = 200 V
5617 = 400 V
5619 = 600 V
5621 = 800 V
5623 = 1000 V
SPD5615 thru SPD5623
and
SPD5615SMS thru SPD5623SMS
1.0 AMP
200 ─ 1000 VOLTS
FAST RECOVERY RECTIFIER
FEATURES:
•
Fast Recovery: 150-500 ns Maximum 4/
•
Single Chip Construction
•
PIV to 1000 Volts
•
Low Thermal Resistance
•
Low Reverse Leakage Current
•
Hermetically Sealed
•
High Surge Rating
•
Available in Axial and Surface Mount Versions
•
TX, TXV, and S-Level Screening Available
2/
•
Replacement for 1N5615 thru 1N5623 Series
• Ultra Fast and Hyper Fast Versions available
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse
Voltage
And
DC Blocking Voltage
SPD5615
SPD5617
SPD5619
SPD5621
SPD5623
VRRM
VRWM
VR
200
400
600
800
1000
Volts
Rectified Forward Forward Current
TA = 55°C
(Resistive Load, 60 Hz, Sine Wave)
TA = 100°C
IO1
IO2
1.00
0.75
Amp
Peak Surge Current
(8.3 msec Pulse, Half Sine Wave Superimposed on Io, allow junction to reach
equilibrium between pulses, TA = 100°C)
IFSM
25
Amps
Operating & Storage Temperature
TOP and TSTG
-65 to +175
°
C
Thermal Resistance, Junction to Lead, L = 3/8” (Axial)
Junction to End Tab (SMS)
RθJL
RθJE
38
13
°
C/W
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on
Request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, IRR to .25 Amp.
Axial Leaded
SMS


Similar Part No. - SPD5615

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD5615 SSDI-SPD5615 Datasheet
183Kb / 2P
1.0 AMP 200 - 1000 VOLTS FAST RECOVERY RECTIFIER
SPD5615S SSDI-SPD5615S Datasheet
183Kb / 2P
1.0 AMP 200 - 1000 VOLTS FAST RECOVERY RECTIFIER
SPD5615SMS SSDI-SPD5615SMS Datasheet
183Kb / 2P
1.0 AMP 200 - 1000 VOLTS FAST RECOVERY RECTIFIER
SPD5615SMSS SSDI-SPD5615SMSS Datasheet
183Kb / 2P
1.0 AMP 200 - 1000 VOLTS FAST RECOVERY RECTIFIER
SPD5615SMSTX SSDI-SPD5615SMSTX Datasheet
183Kb / 2P
1.0 AMP 200 - 1000 VOLTS FAST RECOVERY RECTIFIER
More results

Similar Description - SPD5615

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR101 CHENYI-FR101 Datasheet
163Kb / 2P
FAST RECOVERY RECTIFIER
FR301 CHENYI-FR301 Datasheet
122Kb / 2P
FAST RECOVERY RECTIFIER
logo
Mospec Semiconductor
FR101 MOSPEC-FR101 Datasheet
189Kb / 2P
FAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIER
3JH61 BILIN-3JH61 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIER
BY500-100 BILIN-BY500-100 Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com