Electronic Components Datasheet Search
  English  ▼

X  

SPD5620 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD5620
Description  STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5620 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD5620 Datasheet HTML 1Page - Solid States Devices, Inc SPD5620 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: R00011E
DOC
Solid State Devices, Inc.
14701Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD
___
___
___
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level (for SM,
use –S)
│
│
│
│
│
│
└
Package Type
__ = Axial Leaded
SM = Surface Mount Round Tab
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
│
└
Voltage/Family
5614 = 200V
5616 = 400V
5618 = 600V
5620 = 800V
5622 = 1000V
SPD5614 thru SPD5622
SPD5614SM thru SPD5622SM
SPD5614SMS thru SPD5622SMS
1 AMP
200 ─ 1000 VOLTS
STANDARD RECOVERY
RECTIFIER
FEATURES:
• Fast Recovery: 5 μsec Maximum
• PIV 200 to 1000 Volts
• Low Reverse Leakage Current
• Hermetically Sealed
• Single Chip Construction
• High Surge Rating
• Low Thermal Resistance
• Replaces 1N5614 to 1N5622
• TX, TXV, and Space Level Screening Available2/
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SPD5614
SPD5616
SPD5618
SPD5620
SPD5622
VRRM
VRWM
VR
200
400
600
800
1000
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA=25
oC)
IO
1
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on IO,
allow junction to reach equilibrium between pulses, TA=25
oC)
IFSM
30
Amps
Operating and Storage Temperature
TJ & Tstg
-65 to +175
oC
Thermal Resistance Junction to Leads, L = ⅜″
RθJL
RθJE
35
30
oC/W
Axial
Surface Mount Round Tab (SM)
Surface Mount Square Tab (SMS)
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.


Similar Part No. - SPD5620

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD5620 SSDI-SPD5620 Datasheet
112Kb / 2P
1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
SPD5620 SSDI-SPD5620 Datasheet
1Mb / 2P
1 AMP 200 - 1000 VOLTS STANDARD RECOVERY STANDARD RECOVERY
SPD5620S SSDI-SPD5620S Datasheet
1Mb / 2P
1 AMP 200 - 1000 VOLTS STANDARD RECOVERY STANDARD RECOVERY
SPD5620SM SSDI-SPD5620SM Datasheet
167Kb / 2P
1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
SPD5620SM SSDI-SPD5620SM Datasheet
1Mb / 2P
1 AMP 200 - 1000 VOLTS STANDARD RECOVERY STANDARD RECOVERY
More results

Similar Description - SPD5620

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD645-1 SSDI-SPD645-1_1 Datasheet
210Kb / 2P
STANDARD RECOVERY RECTIFIER
SPD3595 SSDI-SPD3595_1 Datasheet
113Kb / 2P
STANDARD RECOVERY RECTIFIER
SPD5550 SSDI-SPD5550_1 Datasheet
156Kb / 2P
STANDARD RECOVERY RECTIFIER
SPD6557 SSDI-SPD6557_2 Datasheet
77Kb / 2P
STANDARD RECOVERY RECTIFIER
logo
Digitron Semiconductors
1N1183 DIGITRON-1N1183 Datasheet
124Kb / 3P
STANDARD RECOVERY RECTIFIER
logo
Solid States Devices, I...
R00005B SSDI-R00005B Datasheet
97Kb / 2P
STANDARD RECOVERY RECTIFIER
R00019B SSDI-R00019B Datasheet
45Kb / 2P
STANDARD RECOVERY RECTIFIER
RC0046F SSDI-RC0046F Datasheet
137Kb / 2P
STANDARD RECOVERY RECTIFIER
RC0091C SSDI-RC0091C Datasheet
100Kb / 2P
STANDARD RECOVERY RECTIFIER
RC0091C SSDI-RC0091C_15 Datasheet
100Kb / 2P
STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com