Electronic Components Datasheet Search
  English  ▼

X  

BFP405 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BFP405
Description  NPN Silicon RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP405 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BFP405 Datasheet HTML 1Page - Infineon Technologies AG BFP405 Datasheet HTML 2Page - Infineon Technologies AG BFP405 Datasheet HTML 3Page - Infineon Technologies AG BFP405 Datasheet HTML 4Page - Infineon Technologies AG BFP405 Datasheet HTML 5Page - Infineon Technologies AG BFP405 Datasheet HTML 6Page - Infineon Technologies AG BFP405 Datasheet HTML 7Page - Infineon Technologies AG BFP405 Datasheet HTML 8Page - Infineon Technologies AG BFP405 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2009-11-06
BFP405
4
Simulation Data
For SPICE-model as well as for S-parameters including noise parameters refer
to our internet website: www.infineon.com/rf.models. Please consult our website
and download the latest version before actually starting your design.
The simulation data have been generated and verified up to 12GHz using typical
devices. The BFP405 nonlinear SPICE-model reflects the typical DC- and RF-device
performance with high accuracy.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com