Electronic Components Datasheet Search
  English  ▼

X  

BFP520 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BFP520
Description  NPN Silicon RF Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP520 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFP520 Datasheet HTML 1Page - Infineon Technologies AG BFP520 Datasheet HTML 2Page - Infineon Technologies AG BFP520 Datasheet HTML 3Page - Infineon Technologies AG BFP520 Datasheet HTML 4Page - Infineon Technologies AG BFP520 Datasheet HTML 5Page - Infineon Technologies AG BFP520 Datasheet HTML 6Page - Infineon Technologies AG BFP520 Datasheet HTML 7Page - Infineon Technologies AG BFP520 Datasheet HTML 8Page - Infineon Technologies AG BFP520 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2010-08-16
BFP520
1
2
3
4
NPN Silicon RF Transistor
• Low noise amplifier designed for low voltage
applications, ideal for 1.2 V or 1.8 V supply
voltage. Supports 2.9 V Vcc with enough external
collector resistance.
• High gain and low noise at high frequencies
due to high transit frequency fT = 45 GHz
• Finds usage e.g. in cordless phones and
satellite receivers
• Pb-free (RoHS compliant) standard package
with visible leads
• Qualified according AEC Q101
ESD
(Electrostatic discharge) sensitive device, observe handling precaution!
Type
Marking
Pin Configuration
Package
BFP520
APs
1=B
2=E
3=C
4=E
-
-
SOT343
Maximum Ratings
at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Collector-emitter voltage
TA = -55 °C
VCEO
2.5
2.4
V
Collector-emitter voltage
VCES
10
Collector-base voltage
VCBO
10
Emitter-base voltage
VEBO
1
Collector current
IC
40
mA
Base current
IB
4
Total power dissipation1)
TS ≤ 105 °C
Ptot
100
mW
Junction temperature
TJ
150
°C
Storage temperature
TStg
-55 ... 150
1TS is measured on the emitter lead at the soldering point to pcb


Similar Part No. - BFP520

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP520 SIEMENS-BFP520 Datasheet
48Kb / 8P
NPN Silicon RF Transistor (For highest gain low noise amplifier at 1.8 GHz and 2 mA / 2 V)
logo
Infineon Technologies A...
BFP520 INFINEON-BFP520 Datasheet
92Kb / 8P
NPN Silicon RF Transistor
Sep-26-2001
logo
List of Unclassifed Man...
BFP520 ETC-BFP520 Datasheet
341Kb / 4P
TRANZYSTORY NPN
logo
Infineon Technologies A...
BFP520 INFINEON-BFP520 Datasheet
576Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2015-10-12
BFP520F INFINEON-BFP520F Datasheet
53Kb / 3P
NPN Silicon RF Transistor
Dec-07-2001
More results

Similar Description - BFP520

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFP405F INFINEON-BFP405F Datasheet
58Kb / 4P
NPN Silicon RF Transistor
Dec-07-2001
BFP450 INFINEON-BFP450 Datasheet
74Kb / 7P
NPN Silicon RF Transistor
Aug-20-2001
BFP460 INFINEON-BFP460 Datasheet
134Kb / 5P
NPN Silicon RF Transistor
Jun-14-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com