Electronic Components Datasheet Search
  English  ▼

X  

BFP620F Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BFP620F
Description  NPN Silicon Germanium RF Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP620F Datasheet(HTML) 4 Page - Infineon Technologies AG

  BFP620F Datasheet HTML 1Page - Infineon Technologies AG BFP620F Datasheet HTML 2Page - Infineon Technologies AG BFP620F Datasheet HTML 3Page - Infineon Technologies AG BFP620F Datasheet HTML 4Page - Infineon Technologies AG BFP620F Datasheet HTML 5Page - Infineon Technologies AG BFP620F Datasheet HTML 6Page - Infineon Technologies AG BFP620F Datasheet HTML 7Page - Infineon Technologies AG BFP620F Datasheet HTML 8Page - Infineon Technologies AG BFP620F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2007-04-20
BFP620F
4
SPICE Parameter (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax):
Transistor Chip Data:
IS =
0.22
fA
VAF =
1000
V
NE =
2-
VAR =
2V
NC =
2-
RBM =
2.707
Ω
CJE =
250.7
fF
TF =
1.43
ps
ITF =
2.4
A
VJC =
0.6
V
TR =
0.2
ns
MJS =
0.5
-
XTI =
3-
AF =
2
-
TITF1
-0.0065
-
BF =
425
-
IKF =
0.25
A
BR =
50
-
IKR =
10
mA
RB =
3.129
Ω
RE =
0.6
-
VJE =
0.75
V
XTF =
10
-
PTF =
0
deg
MJC =
0.5
-
CJS =
128.1
fF
NK =
-1.42
-
FC =
0.8
KF =
7.291E-11
TITF2
1.0E-5
NF =
1.025
-
ISE =
21
fA
NR =
1-
ISC =
18
pA
IRB =
1.522
mA
RC =
2.364
Ω
MJE =
0.3
-
VTF =
1.5
V
CJC =
124.9
fF
XCJC =
1-
VJS =
0.52
V
EG =
1.078
eV
TNOM
298
K
All parameters are ready to use, no scalling is necessary.
Package Equivalent Circuit:
LB0 =
0.22
nH
LE0 =
0.28
nH
LC0 =
0.22
nH
KB0-E0 = 0.1
-
KB0-C0 = 0.01
-
KE0-C0 = 0.11
-
CBE =
34
fF
CBC =
2
fF
CCE =
33
fF
LBI =
0.42
nH
RLBI =
0.15
Ω
LEI =
0.26
nH
RLEI =
0.11
Ω
LCI =
0.35
nH
RLI =
0.13
Ω
KBI-EI =
-0.05
-
KBI-CI =
-0.08
-
KEI-CI =
0.2
-
Valid up to 6GHz
To avoid high complexity of the package equivalent circuit,
both emitter leads of TSFP-4 are combined in one electrical
connection.RLxI are series resistors for the inductances LxI
and Kxa-yb are the coupling coefficients between the
inductances Lxa and Lyb.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com