Electronic Components Datasheet Search
  English  ▼

X  

BFP640 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BFP640
Description  NPN Silicon Germanium RF Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP640 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BFP640 Datasheet HTML 2Page - Infineon Technologies AG BFP640 Datasheet HTML 3Page - Infineon Technologies AG BFP640 Datasheet HTML 4Page - Infineon Technologies AG BFP640 Datasheet HTML 5Page - Infineon Technologies AG BFP640 Datasheet HTML 6Page - Infineon Technologies AG BFP640 Datasheet HTML 7Page - Infineon Technologies AG BFP640 Datasheet HTML 8Page - Infineon Technologies AG BFP640 Datasheet HTML 9Page - Infineon Technologies AG BFP640 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2007-05-29
BFP640
6
Third order Intercept Point IP3=ƒ(IC)
(Output, ZS=ZL=50Ω)
VCE = parameter, f = 1.8 GHz
0
10
20
30
40
mA
60
IC
0
3
6
9
12
15
18
21
24
dBm
30
2V
3V
4V
Transition frequency fT= ƒ(IC)
f = 1GHz
VCE = parameter
0
10
20
30
40
mA
60
IC
0
5
10
15
20
25
30
35
GHz
45
3V
2V
1V
0.5V
Power gain Gma, Gms = ƒ(IC)
VCE = 3V
f = parameter
0
10
20
30
40
mA
60
IC
10
12
14
16
18
20
22
24
26
dB
30
0.9GHz
1.8GHz
2.4GHz
3GHz
4GHz
5GHz
6GHz
Power Gain Gma, Gms = ƒ(f),
|
S21|² = f (f)
VCE = 3V, IC = 30mA
0
1
2
3
4
GHz
6
f
10
15
20
25
30
35
40
45
dB
55
Gms
Gma
|S21|²



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com