Electronic Components Datasheet Search
  English  ▼

X  

BFP650 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # BFP650
Description  High Linearity Low Noise SiGe:C NPN RF Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP650 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button BFP650_10 Datasheet HTML 17Page - Infineon Technologies AG BFP650_10 Datasheet HTML 18Page - Infineon Technologies AG BFP650_10 Datasheet HTML 19Page - Infineon Technologies AG BFP650_10 Datasheet HTML 20Page - Infineon Technologies AG BFP650_10 Datasheet HTML 21Page - Infineon Technologies AG BFP650_10 Datasheet HTML 22Page - Infineon Technologies AG BFP650_10 Datasheet HTML 23Page - Infineon Technologies AG BFP650_10 Datasheet HTML 24Page - Infineon Technologies AG BFP650_10 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
BFP650
Electrical Characteristics
Data Sheet
21
Revision 1.0, 2010-10-22
Figure 14
Input Matching
S
11 = f ( f ), VCE = 3 V, IC = 30 / 70 mA
Figure 15
Source Impedance for Minimum Noise Figure
Z
opt = f ( f ), VCE = 3 V, IC = 30 / 70 mA
1
0.1
0.2
0.3 0.4 0.5
2
1.5
3
4 5
0
1
−1
1.5
−1.5
2
−2
3
−3
4
−4
5
−5
10
−10
0.5
−0.5
0.1
−0.1
0.2
−0.2
0.3
−0.3
0.4
−0.4
0.03 to 10 GHz
1
2
3
4
5
6
7
8
9
10
70 mA
30 mA
1
0.1
0.2
0.3 0.4 0.5
2
1.5
3
4 5
0
1
−1
1.5
−1.5
2
−2
3
−3
4
−4
5
−5
10
−10
0.5
−0.5
0.1
−0.1
0.2
−0.2
0.3
−0.3
0.4
−0.4
0.45GHz
0.9GHz
1.9GHz
2.4GHz
3.5GHz
I
c
= 30mA
I
c
= 70mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com