Electronic Components Datasheet Search
  English  ▼

X  

BFP650F Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BFP650F
Description  NPN Silicon Germanium RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP650F Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFP650F Datasheet HTML 1Page - Infineon Technologies AG BFP650F Datasheet HTML 2Page - Infineon Technologies AG BFP650F Datasheet HTML 3Page - Infineon Technologies AG BFP650F Datasheet HTML 4Page - Infineon Technologies AG BFP650F Datasheet HTML 5Page - Infineon Technologies AG BFP650F Datasheet HTML 6Page - Infineon Technologies AG BFP650F Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2007-08-09
BFP650F
1
1
2
4
3
NPN Silicon Germanium RF Transistor*
• For medium power amplifiers and driver stages
• High OIP3 and P-1dB
• Ideal for low phase noise oscilators
• Maxim. available Gain Gma = 21.5 dB at 1.8 GHz
Noise figure F = 0.8 dB at 1.8 GHz
• 70 GHz fT- Silicon Germanium technology
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
* Short term description
1
3
4
2
Direction of Unreeling
Top View
XYs
ESD (Electrostatic discharge) sensitive device, observe handling precaution!
Type
Marking
Pin Configuration
Package
BFP650F
R5s
1=B
2=E
3=C
4=E
-
-
TSFP-4
1Pb-containing package may be available upon special request


Similar Part No. - BFP650F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP650F INFINEON-BFP650F Datasheet
556Kb / 7P
Linear Low Noise SiGe:C Bipolar RF Transistor
2013-09-06
BFP650F INFINEON-BFP650F_13 Datasheet
556Kb / 7P
Linear Low Noise SiGe:C Bipolar RF Transistor
2013-09-06
More results

Similar Description - BFP650F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640F INFINEON-BFP640F Datasheet
190Kb / 6P
NPN Silicon Germanium RF Transistor
Mar-11-2004
BFP620E7764 INFINEON-BFP620E7764 Datasheet
196Kb / 7P
NPN Silicon Germanium RF Transistor
Jul-03-2003
logo
California Eastern Labs
NESG260234 CEL-NESG260234 Datasheet
362Kb / 11P
NPN SILICON GERMANIUM RF TRANSISTOR
NESG3033M14 CEL-NESG3033M14 Datasheet
281Kb / 7P
NPN SILICON GERMANIUM RF TRANSISTOR
logo
Renesas Technology Corp
NESG340033 RENESAS-NESG340033 Datasheet
224Kb / 12P
NPN Silicon Germanium RF Transistor
logo
Infineon Technologies A...
BFP640H6327 INFINEON-BFP640H6327 Datasheet
154Kb / 10P
NPN Silicon Germanium RF Transistor
2007-05-29
logo
Renesas Technology Corp
NESG204619 RENESAS-NESG204619 Datasheet
302Kb / 10P
NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2046M33 RENESAS-NESG2046M33 Datasheet
240Kb / 10P
NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2107M33 RENESAS-NESG2107M33 Datasheet
244Kb / 11P
NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG250134 RENESAS-NESG250134 Datasheet
342Kb / 16P
NPN SILICON GERMANIUM RF TRANSISTOR
2004
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com