Electronic Components Datasheet Search
  English  ▼

X  

BFP740ESD Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # BFP740ESD
Description  Robust High Performance Low Noise Bipolar RF Transistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP740ESD Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button BFP740ESD Datasheet HTML 8Page - Infineon Technologies AG BFP740ESD Datasheet HTML 9Page - Infineon Technologies AG BFP740ESD Datasheet HTML 10Page - Infineon Technologies AG BFP740ESD Datasheet HTML 11Page - Infineon Technologies AG BFP740ESD Datasheet HTML 12Page - Infineon Technologies AG BFP740ESD Datasheet HTML 13Page - Infineon Technologies AG BFP740ESD Datasheet HTML 14Page - Infineon Technologies AG BFP740ESD Datasheet HTML 15Page - Infineon Technologies AG BFP740ESD Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
BFP740ESD
Electrical Characteristics
Data Sheet
12
Revision 1.0, 2010-06-29
5
Electrical Characteristics
5.1
DC Characteristics
5.2
General AC Characteristics
Table 5
DC Characteristics at
T
A =25°C
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Collector emitter breakdown voltage
V
(BR)CEO
4.2
4.7
–
V
I
C =1mA, IB =0
Open base
Collector emitter leakage current
I
CES
––
400
nA
V
CE =2 V, VBE =0
Emitter/base shortened
Collector base leakage current
I
CBO
––
400
nA
V
CB =2 V, IE =0
Open emitter
Emitter base leakage current
I
EBO
––
10
μA
V
EB =0.5 V, IC =0
Open collector
DC current gain
h
FE
160
250
400
V
CE =3 V, IC = 25 mA
Pulse measured
Table 6
General AC Characteristics at
T
A =25°C
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Transition frequency
f
T
–45
–
GHz
V
CE =3 V, IC =25mA
f =2GHz
Collector base capacitance
C
CB
–0.08
–
pF
V
CB =3 V, VBE =0
f =1MHz
Emitter grounded
Collector emitter capacitance
C
CE
–0.45
–
pF
V
CE =3 V, VBE =0
f =1MHz
Base grounded
Emitter base capacitance
C
EB
–0.55
–
pF
V
EB =0.4 V, VCB =0
f =1MHz
Collector grounded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com