Electronic Components Datasheet Search
  English  ▼

X  

STK4172II Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # STK4172II
Description  AF Power Amplifier (Split Power Supply) (40W 40W min, THD = 0.4%)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4172II Datasheet(HTML) 7 Page - Sanyo Semicon Device

  STK4172II Datasheet HTML 1Page - Sanyo Semicon Device STK4172II Datasheet HTML 2Page - Sanyo Semicon Device STK4172II Datasheet HTML 3Page - Sanyo Semicon Device STK4172II Datasheet HTML 4Page - Sanyo Semicon Device STK4172II Datasheet HTML 5Page - Sanyo Semicon Device STK4172II Datasheet HTML 6Page - Sanyo Semicon Device STK4172II Datasheet HTML 7Page - Sanyo Semicon Device STK4172II Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STK4172II
No. 2323—7/8
Sample Application Circuit (II) (protection circuit and muting circuit)
Thermal Design
The IC power dissipation of the STK4172II at the IC-operated mode is 55W max. at load resistance 8
Ω and 91W max. at
load resistance 4
Ω (simultaneous drive of 2 channels) for continuous sine wave as shown in Figure 1 and 2.
Figure 1. STK4172II Pd – Po (RL = 8Ω)
Figure 2. STK4172II Pd – Po (RL = 4Ω)
Output power, Po - W
Output power, Po - W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com