Electronic Components Datasheet Search
  English  ▼

X  

SRL2040 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SRL2040
Description  HYPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SRL2040 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SRL2040 Datasheet HTML 1Page - Solid States Devices, Inc SRL2040 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0156A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SRL 20 40 __ __
|
|
|
|
|
|
|
|
|
|
|
|
|
└
|
|
|
|
|
|
|
|
|
|
└
|
|
|
|
|
|
└
└ Screening2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package
__ = Axial Leaded
BT = Button Tab
Voltage
40 = 400 V
Current
20 = 20 A
SRL2040 Series
20 AMP
HYPER FAST RECTIFIER
400 Volts
40 nsec
Features:
 Replaces JEDEC packages: TO-257, and TO-254
 Higher Current 20A vrs 8A, 12A, & 15 A
 Lower forward Voltage drop 1.30 V vrs 1.60 V
 Faster recovery time 40 nS vrs 60 nS
 Higher surge rating 350A vrs 60A, 125A, 140 A
 Lower thermal resistance 1.5 ºC/W vrs 1.8 and 2.5 ºC/W
 Hermetically sealed void-free construction
3/
 Higher voltages available - contact factory
 Surface mount replacement for 1N6766, 1N6772, 1N6778
 TX, TXV, and Space level screening available
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
VRRM
VRWM
VR
400
Volts
Average Rectified Forward Current
(Resistive load, 60Hz sine wave, Tc=100°C, TL=55°C )
IO
20
Amps
Peak Surge Current
(8.3 ms pulse, half sine wave superimposed on Io, allow junction to reach equilibrium
between pulses, TA=25
oC)
IFSM
350
Amps
Junction and Storage Temperature
TJ & TSTG
-65 to +175
oC
Maximum Thermal Resistance
Junction to anode terminal
Axial @ 1/8”
Button Tab
RJC
6.0
1.5
oC/W
Notes:
1/ For ordering information, price, operating curves, and availability, contact
factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ PIND testing not required on void free devices per MIL-PRF-19500.
Axial Leaded (__)
SRL Button (BT)


Similar Part No. - SRL2040

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SRL2040C MIC-SRL2040C Datasheet
83Kb / 4P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SRL2040

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1100SM SSDI-SHF1100SM_1 Datasheet
74Kb / 2P
HYPER FAST RECTIFIER
SHF1402 SSDI-SHF1402_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SPD502 SSDI-SPD502_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
RC0093 SSDI-RC0093_15 Datasheet
171Kb / 2P
Hyper Fast Rectifier
RC0097B SSDI-RC0097B_15 Datasheet
175Kb / 2P
Hyper Fast Rectifier
RC0157A SSDI-RC0157A_15 Datasheet
117Kb / 2P
Hyper Fast Rectifier
RH0027C SSDI-RH0027C_15 Datasheet
135Kb / 2P
HYPER FAST RECTIFIER
RH0101D SSDI-RH0101D_15 Datasheet
102Kb / 2P
Hyper Fast Rectifier
RH0127 SSDI-RH0127_15 Datasheet
195Kb / 2P
HYPER FAST RECTIFIER
RH0227 SSDI-RH0227_15 Datasheet
200Kb / 2P
HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com