Electronic Components Datasheet Search
  English  ▼

X  

BGF127 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BGF127
Description  Low Capacitance ESD protection array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGF127 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BGF127 Datasheet HTML 1Page - Infineon Technologies AG BGF127 Datasheet HTML 2Page - Infineon Technologies AG BGF127 Datasheet HTML 3Page - Infineon Technologies AG BGF127 Datasheet HTML 4Page - Infineon Technologies AG BGF127 Datasheet HTML 5Page - Infineon Technologies AG BGF127 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2009-08-20
2
BGF127
Electrical Characteristics
at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Reverse working voltage
VRWM
-
-
5.3
V
Breakdown voltage
I(BR) = 1 mA
V(BR)
6
-
-
Reverse current
VR = 5.3 V
IR
-
<1
10
nA
Clamping voltage
IPP = 1 A, tp = 8/20 µs1)
IPP = 6 A, tp = 8/20 µs1)
VCL
-
-
9.9
17
-
-
V
Forward clamping voltage
IPP = 1 A, tp = 8/20 µs1)
IPP = 6 A, tp = 8/20 µs1)
VFC
-
-
1.8
5.6
-
-
Line capacitance2)
VR = 3 V, f = 1 MHz
Capacitance variation between the 8 channels
CT
-
-
0.9
0.01
1.5
-
pF
Dynamic resistance ( tp=30ns )
RD
-
1
-
Ω
1Ipp according to IEC61000-4-5
2Total capacitance line to ground



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com