Electronic Components Datasheet Search
  English  ▼

X  

SB1550TL Datasheet(PDF) 3 Page - Semikron International

Part # SB1550TL
Description  Schottky barrier rectifier diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SB1550TL Datasheet(HTML) 3 Page - Semikron International

  SB1550TL Datasheet HTML 1Page - Semikron International SB1550TL Datasheet HTML 2Page - Semikron International SB1550TL Datasheet HTML 3Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SB1520TL..SB15100TL
© by SEMIKRON
Rev. 2 – 21.01.2011
3
This is an electrostatic discharge sensitive device (ESDS), international standard IEC 60747-1, Chapter IX
* The specifications of our components may not be considered as an assurance of component characteristics. Components have to be tested
for the respective application. Adjustments may be necessary. The use of SEMIKRON products in life support appliances and systems is
subject to prior specification and written approval by SEMIKRON. We therefore strongly recommend prior consultation of our staff.
Case: 8 x 7,5 [mm]



Html Pages

1 2 3