Electronic Components Datasheet Search
  English  ▼

X  

SRM6 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SRM6
Description  STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SRM6 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SRM6 Datasheet HTML 1Page - Solid States Devices, Inc SRM6 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0046F
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information
1/
SRM ___
___
___
│
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package Type
__ = Axial
SMS = Surface Mount Square Tab
BTR = Button
Voltage
6 = 600V
8 = 800V
10 = 1000V
12 = 1200V
SRM6 thru SRM12
Series
60 AMPS
STANDARD RECOVERY RECTIFIER
600 - 1200 VOLTS
5
sec
FEATURES:
Replacement for DO-4 or DO-5
Standard recovery: 5
sec maximum
PIV to 1200 volts
Low reverse leakage current
Hermetically sealed void-free construction
Monolithic single chip construction
High surge rating
Low thermal resistance
Equivalent to 5961-94022
TX, TXV, and Space Level Screening Available
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SRM6
SRM8
SRM10
SRM12
VRRM
VRWM
VR
600
800
1000
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave; Axial, TL = 100
oC; SMS, T
E = 100
oC;
Button, TC = 100
oC)
IO
60
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, Superimposed on IO, Allow Junction to Reach
Equilibrium Between Pulses, TL or TC = 55
oC)
IFSM
800
Amps
Operating and Storage Temperature
TOP & Tstg
-65 to +175
oC
Maximum Thermal Resistance
Junction to Lead, L = 3/8”
Junction to End Tab
Junction to End
Axial (__)
SMS
Button (BTR)
RJL
RJE
RJC
3
2.5
1
oC/W
Notes:
1/ For ordering information, price, operating curves, and availability- Contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, all maximum ratings/electrical characteristics @25°C.
Axial (__)
Surface Mount Square Tab (SMS)
Button (BTR)


Similar Part No. - SRM6

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SRM6 SSDI-SRM6 Datasheet
25Kb / 2P
20 AMP 500 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SRM60L60CT YFWDIODE-SRM60L60CT Datasheet
774Kb / 4P
Trench MOS Barrier Schottky Rectifier
SRM60L60CT YFWDIODE-SRM60L60CT Datasheet
798Kb / 4P
Low VF Schottky Rectifier
SRM60L60CT YFWDIODE-SRM60L60CT_V01 Datasheet
798Kb / 4P
Low VF Schottky Rectifier
SRM60L60DC YFWDIODE-SRM60L60DC Datasheet
774Kb / 4P
Trench MOS Barrier Schottky Rectifier
More results

Similar Description - SRM6

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD645-1 SSDI-SPD645-1_1 Datasheet
210Kb / 2P
STANDARD RECOVERY RECTIFIER
SPD3595 SSDI-SPD3595_1 Datasheet
113Kb / 2P
STANDARD RECOVERY RECTIFIER
SPD5550 SSDI-SPD5550_1 Datasheet
156Kb / 2P
STANDARD RECOVERY RECTIFIER
SPD6557 SSDI-SPD6557_2 Datasheet
77Kb / 2P
STANDARD RECOVERY RECTIFIER
logo
Digitron Semiconductors
1N1183 DIGITRON-1N1183 Datasheet
124Kb / 3P
STANDARD RECOVERY RECTIFIER
logo
Solid States Devices, I...
R00005B SSDI-R00005B Datasheet
97Kb / 2P
STANDARD RECOVERY RECTIFIER
R00019B SSDI-R00019B Datasheet
45Kb / 2P
STANDARD RECOVERY RECTIFIER
RC0046F SSDI-RC0046F Datasheet
137Kb / 2P
STANDARD RECOVERY RECTIFIER
RC0091C SSDI-RC0091C Datasheet
100Kb / 2P
STANDARD RECOVERY RECTIFIER
RC0091C SSDI-RC0091C_15 Datasheet
100Kb / 2P
STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com