Electronic Components Datasheet Search
  English  ▼

X  

BSC024NE2LS Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BSC024NE2LS
Description  n-Channel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC024NE2LS Datasheet(HTML) 4 Page - Infineon Technologies AG

  BSC024NE2LS Datasheet HTML 1Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 2Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 3Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 4Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 5Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 6Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 7Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 8Page - Infineon Technologies AG BSC024NE2LS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
OptiMOS™ Power-MOSFET
BSC024NE2LS
Electrical characteristics
Final Data Sheet
3
2.0, 2011-03-01
4
Electrical characteristics
Electrical characteristics, at
Tj=25 °C, unless otherwise specified.
Table 4
Static characteristics
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Drain-source breakdown voltage
V
(BR)DSS
25
-
-
V
V
GS=0 V, ID=1 mA
Gate threshold voltage
V
GS(th)
1-
2.2
V
DS=VGS, ID=250 µA
Zero gate voltage drain current
I
DSS
-0.1
1
µA
V
DS=25 V, VGS=0 V,
T
j=25 °C
-
10
100
V
DS=25 V, VGS=0 V,
T
j=125 °C
Gate-source leakage current
I
GSS
-
10
100
nA
V
GS=20V, VDS=0 V
Drain-source on-state resistance
R
DS(on)
-2.7
3.4
m
Ω
V
GS=4.5 V, ID=30A,
-2
2.4
V
GS=10 V, ID=30 A,
Gate resistance
R
G
-0.9
-
Ω
Transconductance
g
fs
55
110
-
S
|V
DS|>2|ID|RDS(on)max,
I
D=30 A
Table 5
Dynamic characteristics
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Input capacitance
C
iss
-1700
-
pF
V
GS=0 V, VDS=12 V,
f=1 MHz
Output capacitance
C
oss
-650
-
Reverse transfer capacitance
C
rss
-71
-
Turn-on delay time
t
d(on)
-4.1
-
ns
V
DD=12 V, VGS=10V,
I
D=30 A, RG=1.6 Ω
Rise time
t
r
-3.6
-
Turn-off delay time
t
d(off)
-19
-
Fall time
t
f
-2.6
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com