Electronic Components Datasheet Search
  English  ▼

X  

BSC032NE2LS Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSC032NE2LS
Description  n-Channel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC032NE2LS Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BSC032NE2LS Datasheet HTML 2Page - Infineon Technologies AG BSC032NE2LS Datasheet HTML 3Page - Infineon Technologies AG BSC032NE2LS Datasheet HTML 4Page - Infineon Technologies AG BSC032NE2LS Datasheet HTML 5Page - Infineon Technologies AG BSC032NE2LS Datasheet HTML 6Page - Infineon Technologies AG BSC032NE2LS Datasheet HTML 7Page - Infineon Technologies AG BSC032NE2LS Datasheet HTML 8Page - Infineon Technologies AG BSC032NE2LS Datasheet HTML 9Page - Infineon Technologies AG BSC032NE2LS Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
OptiMOS™ Power-MOSFET
BSC032NE2LS
Electrical characteristics diagrams
Final Data Sheet
5
2.0, 2011-03-01
5
Electrical characteristics diagrams
Table 8
1 Power dissipation
2 Drain current
P
tot = f(TC)
I
D=f(TC); parameter:VGS
Table 9
3 Safe operating area
T
C=25 °C
4 Max. transient thermal impedance
I
D=f(VDS); TC=25 °C; D=0; parameter: Tp
Z
(thJC)=f(tp); parameter: D=tp/T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com