Electronic Components Datasheet Search
  English  ▼

X  

STK4913 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK4913
Description  Thick Film Hybid Circuit 2-Channel 50W Min AF Power Amp(Dual-Supply)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4913 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK4913 Datasheet HTML 1Page - Sanyo Semicon Device STK4913 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - STK4913

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK4913 ETC1-STK4913 Datasheet
158Kb / 1P
2-CHANNEL 10 TO 50W MIN AF POWER AMP.(DUAL-SUPPLY)
More results

Similar Description - STK4913

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1317 NTE-NTE1317 Datasheet
23Kb / 2P
Integrated Circuit Module, 2 Power, 2 Channel, AF Power Amplifier, 50W Min.
logo
Sanyo Semicon Device
STK-1050 SANYO-STK-1050 Datasheet
66Kb / 2P
50W min AF Power Amplifier Output Stage Integrated Emitter Resistor Thick Film Hybrid Integrated Circuit
STK1050II SANYO-STK1050II Datasheet
80Kb / 2P
Thick Film Hybrid Integrated Circuit 50W min AF Power Amp Output Stage With Built-in Emitter Resistance
STK4192II SANYO-STK4192II Datasheet
253Kb / 8P
AF Power Amplifier (Split Power Supply) (50W 50W min, THD = 0.4%)
STK4231II SANYO-STK4231II Datasheet
319Kb / 7P
2-Channel 100W min AF Power Amp(Dual Supplies), Thick Film Hybrid IC
STK4873 SANYO-STK4873 Datasheet
190Kb / 4P
THICK FILM HYBRID INTEQRATED CIRCUIT 35W MIN 2-CHANNEL AF POWER AMP(DUAL SUPPLY)
STK8250 SANYO-STK8250 Datasheet
68Kb / 2P
50W MIN AF POWER AMP
logo
List of Unclassifed Man...
STK4703 ETC1-STK4703 Datasheet
158Kb / 1P
2-CHANNEL 10 TO 50W MIN AF POWER AMP.(DUAL-SUPPLY)
logo
Sanyo Semicon Device
STK4101V SANYO-STK4101V Datasheet
119Kb / 1P
2-CHANNEL 6W MIN TO 50W MIN AF POWER AMP (DUAL-SUPPLY)
STK4141 SANYO-STK4141 Datasheet
85Kb / 2P
Thick Film Hybrid Integrated Circuit 2-CHANNEL 25W MIN AF POWER AMP.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com