Electronic Components Datasheet Search
  English  ▼

X  

LT3476 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3476
Description  60V Triple Step-Down LED Driver Programmable Temperature Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3476 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3476 Datasheet HTML 7Page - Linear Technology LT3476 Datasheet HTML 8Page - Linear Technology LT3476 Datasheet HTML 9Page - Linear Technology LT3476 Datasheet HTML 10Page - Linear Technology LT3476 Datasheet HTML 11Page - Linear Technology LT3476 Datasheet HTML 12Page - Linear Technology LT3476 Datasheet HTML 13Page - Linear Technology LT3476 Datasheet HTML 14Page - Linear Technology LT3476 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT3597
11
3597f
Inductor Selection
Inductor values between 100µH and 470µH are recom-
mended for most applications. It is important to choose
an inductor that can handle the peak current without
saturating. The inductor DCR (copper wire resistance)
must also be low in order to minimize I2R power losses.
Table 1 lists several recommended inductors.
Table 1. Recommended Inductors
PART
L (µH) DCR (Ω)
CURRENT
RATING (A)
VENDOR
LPS6225
MSS1038
MSS1038
MSS1038
100
100
220
470
0.61
0.3
0.76
1.24
0.52
1.46
0.99
0.70
Coilcraft
www.coilcraft.com
CDRH105R
CDRW105R
CDRH105R
CDR6D28MN
100
220
470
100
0.253
0.50
1.29
0.9
1.35
0.94
0.60
0.75
Sumida
www.sumida.com
DS1262C2
DS1262C2
DS1262C2
100
220
470
0.17
0.35
1.243
1.5
1.0
0.7
Toko
www.toko.com
SLF10145T
SLF10145T
100
220
0.26
0.47
1.0
0.7
TDK
www.tdk.com
DR73
DR73
100
220
0.527
1.05
0.79
0.53
Coiltronics
www.cooperet.com
Capacitor Selection
Low ESR (equivalent series resistance) capacitors should
be used at the outputs to minimize output ripple voltage.
Use only X5R or X7R dielectrics, as these materials retain
their capacitance over wider voltage and temperature
ranges than other dielectrics. Table 2 lists some suggested
manufacturers. Consult the manufacturers for detailed
information on their entire selection of ceramic surface
mount parts.
Table 2. Recommended Ceramic Capacitor Manufacturers
Taiyo Yuden
www.t-yuden.com
AVX
www.avxcorp.com
Murata
www.murata.com
Kemet
www.kemet.com
TDK
www.tdk.com
APPLICATIONS INFORMATION
Typically10µFcapacitorsaresufficientfortheVINandBIAS
pins.Theoutputcapacitorforthebuckregulatorsdepends
on the number of LEDs and switching frequency. Refer to
Table 3 for the proper output capacitor selection.
Table 3. Recommended Output Capacitor Values (VLED = 3.5V)
SWITCHING FREQUENCY (kHz)
# LEDS
COUT (µF)
1000
1-3
3.3
>3
2.2
500
1-3
4.7
>3
3.3
200
1-3
15
>3
6.8
Diode Selection
Schottky diodes, with their low forward voltage drop and
fast switching speed, must be used for all LT3597 ap-
plications. Do not use P-N junction diodes. The diode’s
average current rating must exceed the application’s aver-
age current. The diode’s maximum reverse voltage must
exceed the application’s input voltage. Table 4 lists some
recommended Schottky diodes.
Table 4. Recommended Diodes
PART
MAX CURRENT
(A)
MAX REVERSE
VOLTAGE (V)
MANUFACTURER
DFLS160
B160
1
1
60
60
Diodes, Inc.
www.diodes.com
CMMSH1-60
1
60
Central
www.centralsemi.com
ESIPB
1
100
Vishay
www.vishay.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com