Electronic Components Datasheet Search
  English  ▼

X  

LT3957 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3957
Description  Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3957 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3957 Datasheet HTML 5Page - Linear Technology LT3957 Datasheet HTML 6Page - Linear Technology LT3957 Datasheet HTML 7Page - Linear Technology LT3957 Datasheet HTML 8Page - Linear Technology LT3957 Datasheet HTML 9Page - Linear Technology LT3957 Datasheet HTML 10Page - Linear Technology LT3957 Datasheet HTML 11Page - Linear Technology LT3957 Datasheet HTML 12Page - Linear Technology LT3957 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LT3511
9
3511fa
applicaTions inForMaTion
similar to a nonisolated buck-boost. The duty cycle will
affect the input and output currents, making it hard to
predict output power. In addition, the winding ratio can
be changed to multiply the output current at the expense
of a higher switch voltage.
ThegraphsinFigures1-4showthetypicalmaximumoutput
power possible for the output voltages 3.3V, 5V, 12V and
24V. The maximum power output curve is the calculated
output power if the switch voltage is 100V during the off-
time. 50V of margin is left for leakage voltage spike. To
achieve this power level at a given input, a winding ratio
value must be calculated to stress the switch to 100V,
resulting in some odd ratio values. The following curves
are examples of common winding ratio values and the
amount of output power at given input voltages.
One design example would be a 5V output converter with
a minimum input voltage of 36V and a maximum input
voltage of 72V. A four-to-one winding ratio fits this design
example perfectly and outputs close to 1.6W at 72V but
lowers to 1W at 36V.
The equations below calculate output power:
Power = η • VIN • D • IPEAK • 0.5
Efficiency = η = ~85%
Duty Cycle = D =
VOUT + VF
(
) •NPS
VOUT + VF
(
) •NPS + VIN
Peak switch current = IPEAK = 0.26AV
INPUT VOLTAGE (V)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
N=15
20
40
60
80
3511 F01
100
N=12
N=10
N=8
N=6
N=4
N=2
N = NPS(MAX)
INPUT VOLTAGE (V)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
20
40
60
80
3511 F02
100
N=4
N=5
N=6
N=7
N=8
N=3
N=2
N=1
N = NPS(MAX)
INPUT VOLTAGE (V)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
20
40
60
80
3511 F04
100
N=2
N=1
N = NPS(MAX)
Figure 1. Output Power for 3.3V Output
Figure 2. Output Power for 5V Output
Figure 3. Output Power for 12V Output
Figure 4. Output Power for 24V Output
INPUT VOLTAGE (V)
0
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
20
40
60
80
3511 F03
100
N=4
N=5
N=3
N=2
N=1
N = NPS(MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com