Electronic Components Datasheet Search
  English  ▼

X  

LT3496 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3496
Description  60V Triple Step-Down LED Driver Programmable Temperature Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 1 Page - Linear Technology

  LT3496 Datasheet HTML 1Page - Linear Technology LT3496 Datasheet HTML 2Page - Linear Technology LT3496 Datasheet HTML 3Page - Linear Technology LT3496 Datasheet HTML 4Page - Linear Technology LT3496 Datasheet HTML 5Page - Linear Technology LT3496 Datasheet HTML 6Page - Linear Technology LT3496 Datasheet HTML 7Page - Linear Technology LT3496 Datasheet HTML 8Page - Linear Technology LT3496 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3597
1
3597f
TYPICAL APPLICATION
DESCRIPTION
60V Triple Step-Down
LED Driver
The LT®3597 is a 60V triple step-down LED driver capable
of achieving 10,000:1 digital PWM dimming at 100Hz with
fast NPN current sources driving up to 10 LEDs in each
channel. LED dimming can also be achieved via analog
control of the CTRL1-3 pin.
The step-down switching frequency is programmed be-
tween200kHzand1MHz.Thefrequencyisalsosynchroniz-
able to an external clock. The LT3597 provides maximum
LED brightness while adhering to manufacturers’ speci-
fications for thermal derating. The derate temperature is
programmedbyplacinganegativetemperaturecoefficient
(NTC) resistor on the master control pin.
The LT3597 adaptively controls VOUT in order to achieve
optimal efficiency. Other features include: 2% LED cur-
rent matching between channels, open LED reporting,
shorted LED protection, programmable LED current, and
programmable temperature protection.
L
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. True Color
PWM is a trademark of Linear Technology Corporation. All other trademarks are the property of
their respective owners.
Triple Step-Down RGB Single Pixel LED Driver, 100mA Current
FEATURES
APPLICATIONS
n
Three 100mA Buck Regulators, Each Drives Up to
10 LEDs with Fast NPN Current Sources
n
Fast Current Sources for <1µs Pulse Widths
(10,000:1 True Color PWM™ Dimming at 100Hz)
n
LEDs Disconnected in Shutdown
n
Adaptive VOUT for Increased Efficiency
n
6V to 60V Input Voltage Range
n
±2% LED Current Matching
n
External Resistor Sets LED Current for Each Channel
n
Internal Compensation and Soft-Start
n
Programmable Switching Frequency (200kHz to 1MHz)
n
Synchronizable to External Clock
n
Open LED Detection and Reporting
n
Shorted LED Pin Protection and Reporting
n
Programmable LED Thermal Derating
n
Programmable Temperature Protection
n
5mm
× 8mm Thermally Enhanced QFN Package
with a 0.6mm High Voltage Pin Spacing
n
LED Billboards and Signboards
n
Mono, Multi, Full-Color LED Displays
n
Large Screen Display LED Backlighting
n
Automotive, Industrial, and Medical Displays
10,000:1 PWM Dimming at 100Hz
3597 TA01a
LT3597
VIN
EN/UVLO
BOOST1
SW1
DA1
FB1
VOUT1
LED1
BIAS
FAULT
PWM1-3
CTRL1-3
SYNC
RT
BOOST2
SW2
DA2
FB2
VOUT2
LED2
BOOST3
SW3
DA3
FB3
VOUT3
LED3
VREF
TSET
CTRLM
LT3597
9.1k
R
100k
97k
91k
270k
3.3µF
0.1µF
10µF
100µH
0.1µF
3.3µF
100µH
9.1k
97k
0.1µF
3.3µF
100µH
9.1k
97k
100k
10k
82.5k
VREF
49.9k
10µF
VCC
5V
VOUT1
VIN
48V
33.2k
(1MHz)
ISET1
ISET2
ISET3
GND
20k
20k
20k
VOUT2
VOUT3
3
3
G
B
ILED
50mA/DIV
PWM
2V/DIV
3597 TA01b
200ns/DIV


Similar Part No. - LT3496

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
Triple Output LED Driver
LT3496 LINER-LT3496 Datasheet
403Kb / 28P
32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3496 LINER-LT3496 Datasheet
294Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
LT3496 LINER-LT3496 Datasheet
425Kb / 32P
8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3496 LINEAR_DIMENSIONS-LT3496 Datasheet
404Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
More results

Similar Description - LT3496

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
Step-Down 1A LED Driver
LT3596 LINER-LT3596 Datasheet
435Kb / 20P
60V Step-Down LED Driver
logo
Diodes Incorporated
AP8802H DIODES-AP8802H Datasheet
197Kb / 11P
60V 1A LED Step-down Converter
DS32227 Rev. 1 - 2
logo
Monolithic Power System...
MP2489 MPS-MP2489 Datasheet
419Kb / 13P
Step Down White LED Driver with Wide 6V.60V Input Voltage
logo
Linear Technology
LT3596 LINER-LT3596_15 Datasheet
2Mb / 22P
60V Step-Down LED Driver
LT3597 LINER-LT3597_15 Datasheet
400Kb / 24P
60V Triple Step-Down LED Driver
LT3763 LINER-LT3763_15 Datasheet
345Kb / 30P
60V High Current Step-Down LED Driver Controller
logo
Diodes Incorporated
AL8862 DIODES-AL8862 Datasheet
489Kb / 16P
60V 1A STEP-DOWN LED DRIVER
Rev 1
logo
Shenzhen Huazhimei Semi...
HM2675HV HMSEMI-HM2675HV Datasheet
501Kb / 7P
3A-60V LED Step-Down Converter
logo
Analog Devices
EVAL-LT8376-AZ AD-EVAL-LT8376-AZ Datasheet
1Mb / 10P
60V, 2A Silent Switcher Synchronous Step-Down LED Driver
Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com