Electronic Components Datasheet Search
  English  ▼

X  

LT3595 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3595
Description  60V Triple Step-Down LED Driver Programmable Temperature Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3595 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3595 Datasheet HTML 3Page - Linear Technology LT3595 Datasheet HTML 4Page - Linear Technology LT3595 Datasheet HTML 5Page - Linear Technology LT3595 Datasheet HTML 6Page - Linear Technology LT3595 Datasheet HTML 7Page - Linear Technology LT3595 Datasheet HTML 8Page - Linear Technology LT3595 Datasheet HTML 9Page - Linear Technology LT3595 Datasheet HTML 10Page - Linear Technology LT3595 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT3597
7
3597f
TYPICAL PERFORMANCE CHARACTERISTICS
Shorted LEDs Fault
FAULT Pin Voltage Low
TSET Voltage for Temperature
Derating
TSET LED Current Derating
20,000:1 PWM Dimming (100Hz)
1,000:1 PWM Dimming (100Hz)
Open LED Fault
TA = 25°C, unless otherwise noted.
ILED
50mA/DIV
PWM
2V/DIV
3597 G19
100ns/DIV
ILED
50mA/DIV
PWM
2V/DIV
3597 G20
2µs/DIV
VFAULT
5V/DIV
ILED
100mA/DIV
VLED
2V/DIV
VOUT
5V/DIV
3597 G21
20ms/DIV
VFAULT
5V/DIV
ILED
100mA/DIV
VLED
5V/DIV
VOUT
5V/DIV
3597 G22
10ms/DIV
0
100
150
50
0.6
1
3597 G23
0
400
200
250
300
350
0.4
0.2
0.8
FAULT PIN CURRENT (mA)
125°C
25°C
40°C
–50
0.4
0.5
75
125
3597 G24
0.3
0.8
0.6
0.7
50
25
0
–25
100
TEMPERATURE (°C)
25
40
20
60
65
85
125
3597 G25
0
120
80
100
45
105
TEMPERATURE (°C)
VTSET = 0.675V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com