Electronic Components Datasheet Search
  English  ▼

X  

BSP52 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSP52
Description  NPN Silicon Darlington Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP52 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSP52 Datasheet HTML 1Page - Infineon Technologies AG BSP52 Datasheet HTML 2Page - Infineon Technologies AG BSP52 Datasheet HTML 3Page - Infineon Technologies AG BSP52 Datasheet HTML 4Page - Infineon Technologies AG BSP52 Datasheet HTML 5Page - Infineon Technologies AG BSP52 Datasheet HTML 6Page - Infineon Technologies AG BSP52 Datasheet HTML 7Page - Infineon Technologies AG BSP52 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2007-03-30
5
BSP50-BSP52
DC current gain hFE = ƒ(IC)
VCE = 10 V
EHP00661
BSP 50...52
10
10
mA
5
FE
5
10
2
5
10
3
5
10
4
1
10 2
10 3
10 4
Ι
C
h
Collector-emitter saturation voltage
IC = ƒ(VCEsat), IB = Parameter
EHP00663
BSP 50...52
10
1
5
Ι
2
10
5
C
10
3
mA
V
CE sat
V
0
12
B
Ι = 0.5 mA
4 mA
Base-emitter saturation voltage
IC = ƒ(VBEsat), IB = Parameter
EHP00664
BSP 50...52
10
1
5
Ι
10
2
C
5
10
mA
3
1
0
BE sat
V
2
V
3
= 0.5 mA
B
Ι
4 mA
Transition frequency fT = ƒ(IC)
VCE = 5 V, f = 100 MHz
EHP00662
BSP 50...52
10
10
mA
f
C
10
MHz
10
T
5
Ι
12
3
10
3
2
10
1
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com