Electronic Components Datasheet Search
  English  ▼

X  

LT3689 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3689
Description  36V 500mA Step-Down Regulator and 200mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3689 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3689 Datasheet HTML 16Page - Linear Technology LT3689 Datasheet HTML 17Page - Linear Technology LT3689 Datasheet HTML 18Page - Linear Technology LT3689 Datasheet HTML 19Page - Linear Technology LT3689 Datasheet HTML 20Page - Linear Technology LT3689 Datasheet HTML 21Page - Linear Technology LT3689 Datasheet HTML 22Page - Linear Technology LT3689 Datasheet HTML 23Page - Linear Technology LT3689 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LT3645
22
3645f
PACKAGE DESCRIPTION
MSOP (MSE12) 0910 REV D
0.53
0.152
(.021
.006)
SEATING
PLANE
0.18
(.007)
1.10
(.043)
MAX
0.22 – 0.38
(.009 – .015)
TYP
0.86
(.034)
REF
0.650
(.0256)
BSC
12
12 11 10 9 8 7
7
DETAIL “B”
1
6
NOTE:
1. DIMENSIONS IN MILLIMETER/(INCH)
2. DRAWING NOT TO SCALE
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
0.254
(.010)
0 – 6 TYP
DETAIL “A”
DETAIL “A”
GAUGE PLANE
RECOMMENDED SOLDER PAD LAYOUT
BOTTOM VIEW OF
EXPOSED PAD OPTION
2.845
0.102
(.112
.004)
2.845
0.102
(.112
.004)
4.039
0.102
(.159
.004)
(NOTE 3)
1.651
0.102
(.065
.004)
0.1016
0.0508
(.004
.002)
12 3 4 5 6
3.00
0.102
(.118
.004)
(NOTE 4)
0.406
0.076
(.016
.003)
REF
4.90
0.152
(.193
.006)
DETAIL “B”
CORNER TAIL IS PART OF
THE LEADFRAME FEATURE.
FOR REFERENCE ONLY
NO MEASUREMENT PURPOSE
0.12 REF
0.35
REF
5.23
(.206)
MIN
3.20 – 3.45
(.126 – .136)
0.889
0.127
(.035
.005)
0.42
0.038
(.0165
.0015)
TYP
0.65
(.0256)
BSC
MSE Package
12-Lead Plastic MSOP, Exposed Die Pad
(Reference LTC DWG # 05-08-1666 Rev D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com