Electronic Components Datasheet Search
  English  ▼

X  

LT3480 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3480
Description  36V 500mA Step-Down Regulator and 200mA LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3480 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3480 Datasheet HTML 3Page - Linear Technology LT3480 Datasheet HTML 4Page - Linear Technology LT3480 Datasheet HTML 5Page - Linear Technology LT3480 Datasheet HTML 6Page - Linear Technology LT3480 Datasheet HTML 7Page - Linear Technology LT3480 Datasheet HTML 8Page - Linear Technology LT3480 Datasheet HTML 9Page - Linear Technology LT3480 Datasheet HTML 10Page - Linear Technology LT3480 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT3645
7
3645f
PIN FUNCTIONS
EN/UVLO (Pin 1/Pin 5): The EN/UVLO pin is used to enable
the buck switching regulator and the low dropout linear
regulator (LDO). An accurate threshold of 1.23V allows the
user to set the undervoltage lockout point with a simple
resistor divider, see Precision Undervoltage Lockout sec-
tion for more information. The EN/UVLO pin can be tied
directly to VIN if the UVLO or shutdown is not used.
FB (Pin 2/Pin 6): The FB pin programs the buck output
voltage. The LT3645 regulates the FB pin to 0.8V. The
feedback resistor divider tap should be connected to this
pin. The output voltage is programmed according to the
following equation:
R1
= R2 •
VOUT
0.8
–1
⎛
⎝⎜
⎞
⎠⎟
where R1 connects between OUT and FB and R2 connects
between FB and GND. A good value for R2 is 10k.
GND(Pin3,ExposedPadPin13/Pin7,ExposedPadPin17):
The GND pin should be tied to a local ground plane below the
LT3645 and the circuit components. Return the feedback
dividers from FB and FB2 to this pin. The exposed pad
must be soldered to the PCB and electrically connected
to ground. Use a large ground plane and thermal vias to
optimize thermal performance.
DA (Pin 4/Pin 8): The DA pin senses the external catch
diode current and prevents the buck regulator from switch-
ing if the sensed current is too high. Connect the anode
of the external Schottky catch diode to this pin.
BOOST (Pin 5/Pin 10): The BOOST pin provides a drive
voltage to the internal bipolar NPN power switch. Tie a
0.1μF capacitor between the BOOST and SW pins.
SW (Pin 6/Pin 9): The SW pin is the output of the internal
buck power switch. Connect the inductor and the cathode
of the external catch Schottky diode to this pin.
VIN (Pin 7/ Pin 11): The VIN pin supplies current to the
LT3645’s internal circuitry, to the internal buck power
switch, and to the LDO. The VIN pin must be locally
bypassed.
VCC2 (Pin 8/Pin 14): The VCC2 pin supplies current to the
linear regulator’s output device. The VCC2 pin is also the
anode of an internal Schottky diode used to generate the
BOOST voltage. The VCC2 pin must be tied to a voltage
source greater than 2.5V to utilize the internal Schottky
boost diode. If the VCC2 pin is tied to a voltage lower than
2.5V, then an external Schottky diode must be connected
between a power supply greater than 2.5V (anode) and
the BOOST pin (cathode). Bypass this pin to ground with
a 0.1μF capacitor close to the part.
OUT2 (Pin 9/Pin 15): The OUT2 pin is the output of the
LDO. Connect a capacitor of at least 0.47μF from this pin
to ground. See Frequency Compensation (LDO) section
for more details.
FB2 (Pin 10/Pin 16): The FB2 pin programs the LDO output
voltage. The LT3645 regulates the FB2 pin to 0.797V. The
feedback resistor divider tap should be connected to this
pin. The output voltage is programmed according to the
following equation:
R3
= R4
VOUT2
0.797
–1
⎛
⎝⎜
⎞
⎠⎟
where R3 connects between OUT2 and FB2 and R4
connects between FB2 and GND. A good value for R4 is
10k.
EN2 (Pin 11/Pin 4): The EN2 pin is used to enable the linear
regulator. Pull this pin above 1.6V to enable the LDO. Pull
EN2 below 0.5V to disable the LDO.
NPG (Pin 12/Pin 3): The NPG pin is an open-collector
output used to indicate that both buck and LDO output
voltages are in regulation. The NPG pin pulls low when
FB and FB2 both exceed 720mV.
NC (Pins 1, 2, 12, 13, QFN Only): No Connect Pins. Tie
these to ground.
(MSOP/QFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com