Electronic Components Datasheet Search
  English  ▼

X  

BSP129 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSP129
Description  SIPMOS Small-Signal-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP129 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSP129 Datasheet HTML 1Page - Infineon Technologies AG BSP129 Datasheet HTML 2Page - Infineon Technologies AG BSP129 Datasheet HTML 3Page - Infineon Technologies AG BSP129 Datasheet HTML 4Page - Infineon Technologies AG BSP129 Datasheet HTML 5Page - Infineon Technologies AG BSP129 Datasheet HTML 6Page - Infineon Technologies AG BSP129 Datasheet HTML 7Page - Infineon Technologies AG BSP129 Datasheet HTML 8Page - Infineon Technologies AG BSP129 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BSP129
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance,
junction - soldering point (pin 4)
R thJS
-
-
25
K/W
SMD version, device on PCB
R thJA
minimal footprint
-
-
115
6 cm
2 cooling area1)
--
70
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=-3 V, I D=250 µA
240
-
-
V
Gate threshold voltage
V GS(th)
V DS=3 V, I D=108 µA
-2.1
-1.4
-1
Drain-source cutoff current
I D(off)
V DS=240 V,
V GS=-3 V, T j=25 °C
-
-
0.1
µA
V DS=240 V,
V GS=-3 V, T j=125 °C
--
10
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
-
10
nA
On-state drain current
I DSS
V GS=0 V, V DS=10 V
50
-
-
mA
Drain-source on-state resistance
R DS(on)
V GS=0 V, I D=25 mA
-
6.5
20
Ω
V GS=10 V, I D=0.35 A
-
4.2
6.0
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=0.28 A
0.18
0.36
-
S
Threshold voltage V GS(th) sorted in bands
3)
J
V GS(th)
V DS=3 V, I D=108 µA
-1.2
-
-1
V
K
-1.35
-
-1.15
L
-1.5
-
-1.3
M
-1.65
-
-1.45
N
-1.8
-
-1.6
drain connection. PCB is vertical in still air.
3) Each reel contains transistors out of one band whose identifying letter is printed on the reel label. A specific
band cannot be ordered separately.
Values
2) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (single layer, 70 µm thick) copper area for
Rev. 1.1
page 2
2005-02-22



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com