Electronic Components Datasheet Search
  English  ▼

X  

BSP322P Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSP322P
Description  SIPMOS Small-Signal-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP322P Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSP322P Datasheet HTML 1Page - Infineon Technologies AG BSP322P Datasheet HTML 2Page - Infineon Technologies AG BSP322P Datasheet HTML 3Page - Infineon Technologies AG BSP322P Datasheet HTML 4Page - Infineon Technologies AG BSP322P Datasheet HTML 5Page - Infineon Technologies AG BSP322P Datasheet HTML 6Page - Infineon Technologies AG BSP322P Datasheet HTML 7Page - Infineon Technologies AG BSP322P Datasheet HTML 8Page - Infineon Technologies AG BSP322P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BSP322P
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance,
junction - ambient
R thJA
minimal footprint,
steady state
-
-
115
K/W
6 cm
2 cooling area1),
steady state
--
70
Electrical characteristics,
at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=-250 μA
-100
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS,I D=-380 µA
-2.0
-1.5
-1.0
Zero gate voltage drain current
I DSS
V DS=-100 V, V GS=0 V,
T j=25 °C
-
-0.1
-1
µA
V DS=-100 V, V GS=0 V,
T j=150 °C
-
-10
-100
Gate-source leakage current
I GSS
V GS=-20 V, V DS=0 V
-
-10
-100
nA
Drain-source on-state resistance
R DS(on)
V GS=-10 V, I D=-1 A
-
600
800
m
Ω
V GS=-4.5 V,
I D=-0.93 A
-
808
1000
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=-0.8 A
0.7
1.4
-
S
1) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Values
Rev 1.04
page 2
2011-04-05



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com