Electronic Components Datasheet Search
  English  ▼

X  

LTC4440 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4440
Description  High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4440 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4440 Datasheet HTML 5Page - Linear Technology LTC4440 Datasheet HTML 6Page - Linear Technology LTC4440 Datasheet HTML 7Page - Linear Technology LTC4440 Datasheet HTML 8Page - Linear Technology LTC4440 Datasheet HTML 9Page - Linear Technology LTC4440 Datasheet HTML 10Page - Linear Technology LTC4440 Datasheet HTML 11Page - Linear Technology LTC4440 Datasheet HTML 12Page - Linear Technology LTC4440 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LTC1154
9
1154fb
Capacitive Loads
Large capacitive loads, such as complex electrical systems
with large bypass capacitors, should be powered using
the circuit shown in Figure 3. The gate drive to the power
MOSFET is passed through an RC delay network, R1 and
C1, which greatly reduces the turn-on ramp rate of the
switch. And since the MOSFET source voltage follows the
gate voltage, the load is powered smoothly and slowly from
ground. This dramatically reduces the start-up current
flowing into the supply capacitor(s) which, in turn, reduces
supply transients and allows for slower activation of sensi-
tive electrical loads. (Diode, D1, provides a direct path for
the LTC1154 protection circuitry to quickly discharge the
gate in the event of an overcurrent condition).
APPLICATIONS INFORMATION
Lamp Loads
The inrush current created by a lamp during turn-on can be
10 to 20 times greater than the rated operating current. The
circuit shown in Figure 4 shifts the current limit threshold
up by a factor of 11:1 (to 30A) for 100ms when the bulb
is first turned on. The current limit then drops down to
2.7A after the inrush current has subsided.
The RC network, RD and CD, in series with the drain sense
input should be set to trip based on the expected character-
istics of the load after start-up. With this circuit, it is possible
to power a large capacitive load and still react quickly to
an overcurrent condition. The ramp rate at the output of
the switch as it lifts off ground is approximately:
dV/dt = (VGATE – VTH)/(R1 • C1)
And therefore the current flowing into the capacitor during
start-up is approximately:
ISTART-UP = CLOAD • dV/dt
Using the values shown in Figure 3, the start-up current
is less than 100mA and does not false-trigger the drain
sense circuitry which is set at 2.7A with a 1ms delay.
Figure 3. Powering Large Capacitive Loads
IN
EN
STATUS
GND
VS
DS
G
SD
LTC1154
+
470μF
MTP3055E
15V
12V
0.036Ω
LTC1154 • F03
CD
0.01μF
RD
100k
R1
100k
R2
100k
D1
1N4148
C1
0.33μF
+
CLOAD
100μF
OUT
IN
EN
STATUS
GND
VS
DS
G
SD
LTC1154
+
470μF
MTP3055EL
9.1V
12V
0.036Ω
LTC1154 • F04
10k
1M
0.1μF
VN2222LL
100k
12V/1A
BULB
Figure 4. Lamp Driver with Delayed Protection
Selecting RD and CD
Figure 5 is a graph of normalized overcurrent shutdown
time versus normalized MOSFET current. This graph is
used to select the two delay components, RD and CD,
which make up a simple RC delay between the drain sense
resistor and the drain sense input.
Figure 5. Overcurrent Shutdown Time vs MOSFET Current
MOSFET CURRENT (1 = SET CURRENT)
1
0.01
10
10
100
LTC1154 • F05
1
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com