Electronic Components Datasheet Search
  English  ▼

X  

BSP452 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSP452
Description  Smart High-Side Power Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP452 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSP452 Datasheet HTML 1Page - Infineon Technologies AG BSP452 Datasheet HTML 2Page - Infineon Technologies AG BSP452 Datasheet HTML 3Page - Infineon Technologies AG BSP452 Datasheet HTML 4Page - Infineon Technologies AG BSP452 Datasheet HTML 5Page - Infineon Technologies AG BSP452 Datasheet HTML 6Page - Infineon Technologies AG BSP452 Datasheet HTML 7Page - Infineon Technologies AG BSP452 Datasheet HTML 8Page - Infineon Technologies AG BSP452 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet
5
V1.0, 2007-05-25
Smart High-Side Power Switch
BSP452
Data Book
5
200896
Max. allowable power dissipation
Ptot = f (TA,TSP)
Ptot [W]
0
2
4
6
8
10
12
14
16
18
0
25
50
75
100
125
150
TA
TSP
TA, TSP[°C]
On state resistance (Vbb-pin to OUT-pin)
RON = f (Tj); Vbb = 13.5 V; IL = 0.5 A
RON [Ω]
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
-50
-25
0
25
50
75
100
125
150
98%
Tj [°C]
Current limit characteristic
IL(SC) = f (Von); (Von see testcircuit)
IL(SC) [A]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
02
4
6
8
10
12
14
25°C
150°C
-40°C
Von [V]
Typ. input current
IIN = f (VIN); Vbb = 13,5 V
IIN [µA]
0
5
10
15
20
25
30
35
40
45
50
0246
8
10
12
14
-40°C
+150°C
+25°C
VIN [V]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com