Electronic Components Datasheet Search
  English  ▼

X  

LTC4446 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4446
Description  High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4446 Datasheet(HTML) 2 Page - Linear Technology

  LTC4446 Datasheet HTML 1Page - Linear Technology LTC4446 Datasheet HTML 2Page - Linear Technology LTC4446 Datasheet HTML 3Page - Linear Technology LTC4446 Datasheet HTML 4Page - Linear Technology LTC4446 Datasheet HTML 5Page - Linear Technology LTC4446 Datasheet HTML 6Page - Linear Technology LTC4446 Datasheet HTML 7Page - Linear Technology LTC4446 Datasheet HTML 8Page - Linear Technology LTC4446 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC1154
2
1154fb
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ..........................................................22V
Input Voltage.......................(VS + 0.3V) to (GND – 0.3V)
Enable Input Voltage ...........(VS + 0.3V) to (GND – 0.3V)
Gate Voltage.........................(VS + 24V) to (GND – 0.3V)
Status Output Voltage ...............................................15V
Current (Any Pin) ...................................................50mA
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
VS
DRAIN SENSE
GATE
SHUTDOWN
N8 PACKAGE
8-LEAD PLASTIC DIP
IN
ENABLE
STATUS
GND
TJMAX = 100°C, θJA = 130°C/W
1
2
3
4
8
7
6
5
TOP VIEW
VS
DRAIN SENSE
GATE
SHUTDOWN
S8 PACKAGE
8-LEAD PLASTIC SOIC
IN
ENABLE
STATUS
GND
TJMAX = 100°C, θJA = 150°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1154CN8#PBF
LTC1154CN8#TRPBF
8-Lead Plastic DIP
0°C to 70°C
LTC1154CS8#PBF
LTC1154CS8#TRPBF
1154
8-Lead Plastic SIOC
0°C to 70°C
LTC1154HS8#PBF
LTC1154HS8#TRPBF
1154H
8-Lead Plastic SIOC
–40°C to 150°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1154CN8
LTC1154CN8#TR
8-Lead Plastic DIP
0°C to 70°C
LTC1154CS8
LTC1154CS8#TR
1154
8-Lead Plastic SIOC
0°C to 70°C
LTC1154HS8
LTC1154HS8#TR
1154H
8-Lead Plastic SIOC
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Temperature
LTC1154C ................................................ 0°C to 70°C
LTC1154H .......................................... –40°C to 150°C
Storage Temperature Range....................–65°c to 150°C
Lead Temperature (Soldering, 10 sec.) ................. 300°C
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VS
Supply Voltage
l
4.5
18
V
IQ
Quiescent Current OFF
VS = 5V, VIN = 0V
8
20
μA
Quiescent Current ON
VS = 5V, VIN = 5V
85
120
μA
Quiescent Current ON
VS = 12V, VIN = 5V
180
400
μA
VINH
Input High Voltage
l
2V
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 4.5V to 18V, TA = 25°C, VEN = 0V, VSD = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com