Electronic Components Datasheet Search
  English  ▼

X  

LTC1733 Datasheet(PDF) 45 Page - Linear Technology

Part # LTC1733
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1733 Datasheet(HTML) 45 Page - Linear Technology

Back Button LTC1733 Datasheet HTML 40Page - Linear Technology LTC1733 Datasheet HTML 41Page - Linear Technology LTC1733 Datasheet HTML 42Page - Linear Technology LTC1733 Datasheet HTML 43Page - Linear Technology LTC1733 Datasheet HTML 44Page - Linear Technology LTC1733 Datasheet HTML 45Page - Linear Technology LTC1733 Datasheet HTML 46Page - Linear Technology LTC1733 Datasheet HTML 47Page - Linear Technology LTC1733 Datasheet HTML 48Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
LTC1760
45
1760fa
TYPICAL APPLICATIONS
36
41
3
2
16
37
47
48
46
45
13
40
24
25
29
18
22
20
33
32
26
CB1
0.1μF
CB2
0.47μF
C3
0.012μF
R6
100Ω
R7
49.9k
R5
1.21k
R4
12.7k
100pF
C5
0.15F
CL
20μF
C7
0.1F
R9
3.3k
D4
C13
0.1μF
1
7
6
9
8
11
10
5
4
12
34
35
14
15
42
43
44
39
38
28
27
17
21
30
31
19
23
C4
0.22μF
QBG
QTG
L1
10μH
RSENSE
0.025
CIN
20μF
VDDS*
COUT
20μF
R1
4.99k
R2
280k
R3
49.9k
RCL
0.03Ω
RSC
0.02Ω
VIN
SMBALERT
SCL
SDA
VDDS
R11
1k
C1
0.1μF
C8
1μF
Q1
Q2
Q6
Q5
Q7
Q8
Q4
Si6928
Q3
Si6928
1760 TA02
LOAD
Q9
Si6928
Q10
Si6928
C12
100pF
C1
0.1μF
C9
0.1μF
C6
4.7μF
R10
100Ω
CLP
DCIN
BAT1
BAT2
DCDIV
COMP1
GCH2
SCH2
GCH1
SCH1
VSET
VCC
GND
VCC2
SMBALERT
SCL
SDA
VDDS
VLIMIT
ILIMIT
MODE
LTC1760
VPLUS
GDCI
GDCO
GB1I
GB1O
GB2I
GB2O
SCP
SCN
LOPWR
CSN
CSP
ITH
ISET
SW
BOOST
TGATE
BGATE
PGND
TH2A
TH2B
SCL2
SDA2
TH1A
TH1B
SCL1
SDA1
BAT2
BAT1
D3
D2
R2B, 54.9k
R2A, 1.13k
R1B, 54.9k
R1A, 1.13k
C11
1800pF
RVLIMIT
10k
D1
SCL2
SDA2
D1: MBR130T3
D2, D3: BAT54A TYPE
D4: CMDSH3 TYPE
Q1, Q2, Q5, Q6, Q7, Q8: Si4925DY
Q3, Q4, Q9, Q10, QTG, QBG: FDS6912A
*OPTIONAL: ESD CLAMP DIODES FOR BATTERY HOT SWAP PROTECTION
PowerPath MUX
RPU
RPU
VDDS
CHARGE
MUX
TH
SCL
SDA
BAT2
VDDS*
SCL1
SDA1
BAT1
TH
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com