Electronic Components Datasheet Search
  English  ▼

X  

LTC4444 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4444
Description  High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4444 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4444 Datasheet HTML 10Page - Linear Technology LTC4444 Datasheet HTML 11Page - Linear Technology LTC4444 Datasheet HTML 12Page - Linear Technology LTC4444 Datasheet HTML 13Page - Linear Technology LTC4444 Datasheet HTML 14Page - Linear Technology LTC4444 Datasheet HTML 15Page - Linear Technology LTC4444 Datasheet HTML 16Page - Linear Technology LTC4444 Datasheet HTML 17Page - Linear Technology LTC4444 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LTC1154
18
1154fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 1992
LT 0411 REV B • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIONS
PART NUMBER
DESCRIPTION
COMMENTS
LTC4440/LTC4440-5
High Speed, High Voltage High Side Gate Driver
Up to 80V Supply Voltage, 8V ≤ VCC ≤ 15V, 2.4A Peak Pull-Up/1.5Ω
Peak Pull-Down
LTC4441/LTC4441-1
N-Channel MOSFET Gate Driver
Up to 25V Supply Voltage, 5V ≤ VCC ≤ 25V, 6A Peak Output Current
LT1910
Protected High Side Gate Driver
Up to 48V Supply Voltage, Short Circuit Protected
LTC4446
High Voltage Synchronous N-Channel MOSFET
Driver without Shoot Thru Protection
Up to 100V Supply Voltage, 7.2V ≤ VCC ≤ 13.5V, 3A Peak Pull-Up/0.55Ω
Peak Pull-Down
LTC4444/LTC4444-5
High Voltage Synchronous N-Channel MOSFET
Driver with Shoot Thru Protection
Up to 100V Supply Voltage, 4.5V/7.2V ≤ VCC ≤ 13.5V, 3A Peak Pull-Up/
0.55Ω Peak Pull-Down
LTC4442/LTC4449
High Speed Synchronous N-Channel MOSFET
Driver
Up to 38V Supply Voltage, 4.5V/6V ≤ VCC ≤ 9.5V, 3.2A Peak Pull-Up/
4.5A Peak Pull-Down
Auto-Reset High Side Switch with Overcurrent and Overcurrent Temperature Shutdown
SCSI Termination Power Switch with 1A Overcurrent Shutdown, Auto-Reset and Load Soft-Start
IN
EN
STATUS
GND
VS
DS
G
SD
LTC1154
MTP12N06
12V
LTC1154 • TA13
12V
LOAD
18V
PTC
THERMISTOR
(100°C)*
200k
0.036Ω
+
100μF
1M
RT
1M**
+
CT
100μF**
VN2222LL
ON/OFF
KEYSTONE RL2006-100-100-30-PT.
AUTO-RESET PERIOD ≈ 800ms WITH COMPONENTS SHOWN
*
**
5V
0.1μF
+
100μF
47μF
ON/OFF
+
10k
1N4148
MTD3055EL
1N4148
100k
100k
0.22μF
1N5817
+
10μF
20Ω
IN
EN
GND
VS
DS
G
SD
LTC1154
1M
VN2222LL
+
1μF
1M
0.1Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com