Electronic Components Datasheet Search
  English  ▼

X  

LTC2182 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2182
Description  12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2182 Datasheet(HTML) 1 Page - Linear Technology

  LTC2182 Datasheet HTML 1Page - Linear Technology LTC2182 Datasheet HTML 2Page - Linear Technology LTC2182 Datasheet HTML 3Page - Linear Technology LTC2182 Datasheet HTML 4Page - Linear Technology LTC2182 Datasheet HTML 5Page - Linear Technology LTC2182 Datasheet HTML 6Page - Linear Technology LTC2182 Datasheet HTML 7Page - Linear Technology LTC2182 Datasheet HTML 8Page - Linear Technology LTC2182 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Electrical Specifications Subject to Change
1
21421012p
LTC2142-12/
LTC2141-12/LTC2140-12
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
12-Bit, 65Msps/
40Msps/25Msps Low Power
Dual ADCs
n Communications
n Cellular Base Stations
n Software Defined Radios
n Portable Medical Imaging
n Multi-Channel Data Acquisition
n Nondestructive Testing
n 2-Channel Simultaneously Sampling ADC
n 70.8dB SNR
n 89dB SFDR
n Low Power: 92mW/65mW/48mW Total
46mW/33mW/24mW per Channel
n Single 1.8V Supply
n CMOS, DDR CMOS, or DDR LVDS Outputs
n Selectable Input Ranges: 1VP-P to 2VP-P
n 800MHz Full Power Bandwidth S/H
n Optional Data Output Randomizer
n Optional Clock Duty Cycle Stabilizer
n Shutdown and Nap Modes
n Serial SPI Port for Configuration
n 64-Pin (9mm
× 9mm) QFN Package
The LTC
®2142-12/LTC2141-12/LTC2140-12 are 2-channel
simultaneous sampling 12-bit A/D converters designed
for digitizing high frequency, wide dynamic range signals.
They are perfect for demanding communications applica-
tions with AC performance that includes 70.8dB SNR and
89dB spurious free dynamic range (SFDR). Ultralow jitter
of 0.08psRMS allows undersampling of IF frequencies with
excellent noise performance.
DC specs include ±0.3LSB INL (typ), ±0.1LSB DNL (typ)
and no missing codes over temperature. The transition
noise is 0.3LSBRMS.
The digital outputs can be either full rate CMOS, double
data rate CMOS, or double data rate LVDS. A separate
output power supply allows the CMOS output swing to
range from 1.2V to 1.8V.
The ENC+ and ENC– inputs may be driven differentially
or single-ended with a sine wave, PECL, LVDS, TTL, or
CMOS inputs. An optional clock duty cycle stabilizer al-
lows high performance at full speed for a wide range of
clock duty cycles.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
2-Tone FFT, fIN = 70MHz and 69MHz
CMOS
OR
LVDS
OUTPUTS
1.8V
VDD
1.8V
OVDD
CLOCK
CONTROL
D1_11
D1_0
21421012 TA01a
CH 1
ANALOG
INPUT
OUTPUT
DRIVERS
•
•
•
GND
OGND
S/H
12-BIT
ADC CORE
CH 2
ANALOG
INPUT
S/H
12-BIT
ADC CORE
D2_11
D2_0
•
•
•
65MHz
CLOCK
FREQUENCY (MHz)
–100
–110
–120
–70
–60
–80
–90
–50
–30
–40
–20
–10
0
21821012 TA01b
FREQUENCY (MHz)
21821012 TA01b
0
10
20
30


Similar Part No. - LTC2182

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2182 LINER-LTC2182_15 Datasheet
3Mb / 36P
16-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
More results

Similar Description - LTC2182

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2265-12 LINER-LTC2265-12 Datasheet
1Mb / 32P
12-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2140-12 LINER-LTC2140-12_15 Datasheet
1Mb / 38P
12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2141-12 LINER-LTC2141-12_15 Datasheet
1Mb / 38P
12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2142-12 LINER-LTC2142-12_15 Datasheet
1Mb / 38P
12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2170-12 LINER-LTC2170-12_15 Datasheet
1Mb / 34P
12-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
LTC2171-12 LINER-LTC2171-12_15 Datasheet
1Mb / 34P
12-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
LTC2172-12 LINER-LTC2172-12_15 Datasheet
1Mb / 34P
12-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
LTC2264-12 LINER-LTC2264-12_15 Datasheet
1Mb / 34P
12-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2265-12 LINER-LTC2265-12_15 Datasheet
1Mb / 34P
12-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2263-12 LINER-LTC2263-12_15 Datasheet
1Mb / 34P
12-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com