Electronic Components Datasheet Search
  English  ▼

X  

LTC6412 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC6412
Description  12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6412 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC6412 Datasheet HTML 19Page - Linear Technology LTC6412 Datasheet HTML 20Page - Linear Technology LTC6412 Datasheet HTML 21Page - Linear Technology LTC6412 Datasheet HTML 22Page - Linear Technology LTC6412 Datasheet HTML 23Page - Linear Technology LTC6412 Datasheet HTML 24Page - Linear Technology LTC6412 Datasheet HTML 25Page - Linear Technology LTC6412 Datasheet HTML 26Page - Linear Technology LTC6412 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
23
21454312p
LTC2145-12/
LTC2144-12/LTC2143-12
APPLICATIONS INFORMATION
programming mode), or by SCK (parallel programming
mode). Note that double data rate CMOS cannot be selected
in the parallel programming mode.
Full Rate CMOS Mode
In full rate CMOS mode the data outputs (D1_0 to D1_11
and D2_0 to D2_11), overflow (OF2, OF1), and the data
output clocks (CLKOUT+, CLKOUT–) have CMOS output
levels. The outputs are powered by OVDD and OGND which
are isolated from the A/D core power and ground. OVDD
can range from 1.1V to 1.9V, allowing 1.2V through 1.8V
CMOS logic outputs.
For good performance the digital outputs should drive
minimal capacitive loads. If the load capacitance is larger
than 10pF a digital buffer should be used.
Double Data Rate CMOS Mode
In double data rate CMOS mode, two data bits are
multiplexed and output on each data pin. This reduces
the number of digital lines by thirteen, simplifying
board routing and reducing the number of input pins
needed to receive the data. The data outputs (D1_0_1,
D1_2_3, D1_4_5, D1_6_7, D1_8_9, D1_10_11, D2_0_1,
D2_2_3, D2_4_5, D2_6_7, D2_8_9, D2_10_11,
overflow (OF2_1), and the data output clocks (CLKOUT+,
CLKOUT–) have CMOS output levels. The outputs are
powered by OVDD and OGND which are isolated from the
A/D core power and ground. OVDD can range from 1.1V
to 1.9V, allowing 1.2V through 1.8V CMOS logic outputs.
Note that the overflow for both ADC channels is multiplexed
onto the OF2_1 pin.
For good performance the digital outputs should drive
minimal capacitive loads. If the load capacitance is larger
than 10pF a digital buffer should be used.
When using double data rate CMOS at sample rates above
100Msps the SNR may degrade slightly, about 0.1dB to
0.3dB depending on load capacitance and board layout.
Double Data Rate LVDS Mode
In double data rate LVDS mode, two data bits are
multiplexed and output on each differential output
pair. There are six LVDS output pairs per ADC channel
(D1_0_1+/D1_0_1– through D1_10_11+/D1_10_11– and
D2_0_1+/D2_0_1– through D2_10_11+/D2_10_11–) for
the digital output data. Overflow (OF2_1+/OF2_1–) and the
data output clock (CLKOUT+/CLKOUT–) each have an LVDS
output pair. Note that the overflow for both ADC channels
is multiplexed onto the OF2_1+/OF2_1– output pair.
By default the outputs are standard LVDS levels: 3.5mA
output current and a 1.25V output common mode volt-
age. An external 100Ω differential termination resistor
is required for each LVDS output pair. The termination
resistors should be located as close as possible to the
LVDS receiver.
The outputs are powered by OVDD and OGND which are
isolated from the A/D core power and ground. In LVDS
mode, OVDD must be 1.8V.
Programmable LVDS Output Current
In LVDS mode, the default output driver current is 3.5mA.
This current can be adjusted by serially programming mode
control register A3. Available current levels are 1.75mA,
2.1mA, 2.5mA, 3mA, 3.5mA, 4mA and 4.5mA.
Optional LVDS Driver Internal Termination
In most cases using just an external 100Ω termination
resistor will give excellent LVDS signal integrity. In addi-
tion, an optional internal 100Ω termination resistor can
be enabled by serially programming mode control register
A3. The internal termination helps absorb any reflections
caused by imperfect termination at the receiver. When the
internal termination is enabled, the output driver current
is doubled to maintain the same output voltage swing.
Overflow Bit
The overflow output bit outputs a logic high when the analog
input is either overranged or underranged. The overflow
bit has the same pipeline latency as the data bits. In full
rate CMOS mode each ADC channel has its own overflow
pin (OF1 for channel 1, OF2 for channel 2). In DDR CMOS
or DDR LVDS mode the overflow for both ADC channels
is multiplexed onto the OF2_1 output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com