Electronic Components Datasheet Search
  English  ▼

X  

BTS142D Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BTS142D
Description  Smart Low Side Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS142D Datasheet(HTML) 1 Page - Infineon Technologies AG

  BTS142D Datasheet HTML 1Page - Infineon Technologies AG BTS142D Datasheet HTML 2Page - Infineon Technologies AG BTS142D Datasheet HTML 3Page - Infineon Technologies AG BTS142D Datasheet HTML 4Page - Infineon Technologies AG BTS142D Datasheet HTML 5Page - Infineon Technologies AG BTS142D Datasheet HTML 6Page - Infineon Technologies AG BTS142D Datasheet HTML 7Page - Infineon Technologies AG BTS142D Datasheet HTML 8Page - Infineon Technologies AG BTS142D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet
1
Rev. 1.3, 2006-12-22
Smart Low Side Power Switch
Power HITFET BTS 142D
Product Summary
Drain source voltage
VDS
42
V
On-state resistance
RDS(on)
28
m
W
Nominal load current
ID(Nom)
4.6
A
Clamping energy
EAS
3.5
J
Features
· Logic Level Input
· Input Protection (ESD)
· Thermal shutdown with auto restart
• Green product (RoHS compliant)
· Overload protection
· Short circuit protection
· Overvoltage protection
· Current limitation
· Analog driving possible
P / PG-TO252-3-11
Application
· All kinds of resistive, inductive and capacitive loads in switching
or linear applications
· µC compatible power switch for 12 V DC applications
· Replaces electromechanical relays and discrete circuits
General Description
N channel vertical power FET in Smart SIPMOSÒ technology. Fully protected by embedded
protection functions.
Gate-Driving
Unit
ESD
Overload
Protection
Over-
temperature
Protection
Short circuit
Protection
Overvoltage-
Protection
Current
Limitation
M
Vbb
In
Source
Drain
HITFET â
Pin 1
Pin 2 and 4 (TAB)
Pin 3
Complete product spectrum and additional information http://www.infineon.com/hitfet


Similar Part No. - BTS142D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS142D INFINEON-BTS142D Datasheet
359Kb / 10P
Smart Lowside Power Switch
2004-03-05
BTS142DATMA1 INFINEON-BTS142DATMA1 Datasheet
269Kb / 11P
Smart Low Side Power Switch Power HITFET BTS 142D
Rev. 1.3, 2006-12-22
More results

Similar Description - BTS142D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com