Electronic Components Datasheet Search
  English  ▼

X  

LTC4265 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4265
Description  12-Port PoE/PoE/LTPoE PSE Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4265 Datasheet(HTML) 1 Page - Linear Technology

  LTC4265 Datasheet HTML 1Page - Linear Technology LTC4265 Datasheet HTML 2Page - Linear Technology LTC4265 Datasheet HTML 3Page - Linear Technology LTC4265 Datasheet HTML 4Page - Linear Technology LTC4265 Datasheet HTML 5Page - Linear Technology LTC4265 Datasheet HTML 6Page - Linear Technology LTC4265 Datasheet HTML 7Page - Linear Technology LTC4265 Datasheet HTML 8Page - Linear Technology LTC4265 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC4270/LTC4271
1
42701f
n PoE PSE Switches/Routers
n PoE PSE Midspans
APPLICATIONS
TYPICAL APPLICATION
FEATURES
DESCRIPTION
12-Port PoE/PoE+/LTPoE++
PSE Controller
The LTC®4270/LTC4271 chipset is a 12-Port Power Sourc-
ing Equipment (PSE) controller designed for use in IEEE
802.3at Type 1 and Type 2 (high power) compliant Power
over Ethernet (PoE) systems. Transformer-isolated com-
munication protocol replaces expensive opto-couplers
and complex isolated 3.3V supply resulting in significant
BOM cost savings. The LTC4270/LTC4271 chipset delivers
lowest-in-industry heat dissipation by utilizing low-RDS(ON)
external MOSFETs and 0.25Ω sense resistors.
Advanced power management features include per-port 12-
bit current monitoring ADCs, DAC-programmable current
limit, and versatile fast shut-down of preselected ports.
Advanced power management host software is available
under a no-cost license. PD Discovery uses a proprietary
dual-mode 4-point detection mechanism ensuring excel-
lent immunity from false PD detection. Midspan PSEs
are supported with 2-event classification and a 2 second
backoff timer. The LTC4270/LTC4271 includes an I2C serial
interface operable up to 1MHz.
The LTC4270/LTC4271 is available in multiple power grades
allowing delivered PD power up to 90W.
n 12 Independent PSE Channels
n Compliant with IEEE 802.3at Type 1 and 2
n Chipset Provides Electrical Isolation
Reduced BOM Cost
Eliminates up to 6 High Speed Opto-Couplers
Eliminates Isolated 3.3V Power Supply
n Low Power Dissipation
0.25Ω Sense Resistance Per Channel
n Very High Reliability 4-Point PD Detection
2-Point Forced Voltage
2-Point Forced Current
n Temperature Monitoring
n VEE and VPORT Monitoring
n 1 Second Rolling IPORT Averaging
n Supports 2-Pair and 4-Pair Output Power
n 1MHz I2C Compatible Serial Control Interface
n Available In Three Power Grades
A-Grade – LTPoE++™ 35W to 90W
B-Grade – PoE+ 25.5W
C-Grade – PoE 13W
n Available In 52-Lead 7mm
× 8mm (LTC4270)
and 24-Lead 4mm
× 4mm (LTC4271) QFN Packages
LTC4270/LTC4271 FAMILY
LTC4270
GRADE
ISOLATION LTPoE++ PoE+ PoE
MAX
DELIVERED
POWER
A
Transformer
ll
l
90W
B
Transformer
ll
25.5W
C
Transformer
l
13W
3.3V
3.3V
0.1μF
–54V
100Ω
100Ω
100Ω
100Ω
3.3V
1μF
1μF
0.1μF
–54V
100Ω
100Ω
100Ω
100Ω
GP0
GP1
MID
RESET
MSD
INT
AUTO
SCL
AD0
AD1
AD2
AD3
AD6 DGND
CAP1
CAP2
DND
DPD
CND
CPD
DNA
SENSE1
GATE1
OUT1
LTC4270
DPA
CNA
CPA
XIO0
XIO1
0.22μF
100V
0.22μF
100V
S1B
S1B
–54V
–54V
42701 TA01a
–54V
S1B
S1B
PORTn
PORT1
SDAIN
SDAOUT
LTC4271
NO ISOLATION
REQUIRED ON
I2C INTERFACE
VDD33
2nF 2kV
VEE
SENSEn
GATEn
OUTn
AGND
VSSK
0.25Ω
0.25Ω
–54V
>47μF
SYSTEM
BULK CAP
+
L, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
and LTPoE++ is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.


Similar Part No. - LTC4265

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4265 LINER-LTC4265 Datasheet
203Kb / 20P
IEEE 802.3at High Power PD Interface Controller with 2-Event Classifi cation Recognition
LTC4265 LINER-LTC4265 Datasheet
374Kb / 30P
Quad IEEE 802.3at Power over Ethernet Controller
LTC4265 LINER-LTC4265 Datasheet
671Kb / 28P
Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4265 LINER-LTC4265 Datasheet
389Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4265 LINER-LTC4265 Datasheet
504Kb / 42P
Synchronous No-Opto Flyback Controller
More results

Similar Description - LTC4265

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4270 LINER-LTC4270_12 Datasheet
389Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4266A LINER-LTC4266A Datasheet
755Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A Datasheet
724Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4266C LINER-LTC4266C_15 Datasheet
374Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270_15 Datasheet
403Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4271 LINER-LTC4271_15 Datasheet
403Kb / 32P
12-Port PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A_15 Datasheet
360Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
LTC4290 LINER-LTC4290_15 Datasheet
413Kb / 32P
8-Port PoE/PoE/LTPoE PSE Controller
LTC4279 LINER-LTC4279 Datasheet
473Kb / 10P
Single Port PoE/PoE/LTPoE PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com