Electronic Components Datasheet Search
  English  ▼

X  

STK730C Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK730C
Description  5 V Single Output MOS Chopper Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK730C Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK730C Datasheet HTML 1Page - Sanyo Semicon Device STK730C Datasheet HTML 2Page - Sanyo Semicon Device STK730C Datasheet HTML 3Page - Sanyo Semicon Device STK730C Datasheet HTML 4Page - Sanyo Semicon Device STK730C Datasheet HTML 5Page - Sanyo Semicon Device STK730C Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Thick Film Hybrid IC
Ordering number : EN4472A
73096HA (OT)/82793YO 5-2862 No. 4472-1/6
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
5 V Single Output MOS Chopper Regulator
STK730C
Overview
The STK730C is a chopper type step-down dedicated
5 V single output regulator that uses a power MOSFET
as its switching element and a Schottky barrier diode
(SBD) as its flywheel diode.
The STK730C covers the 2 A and higher current
regions, regions that are difficult to handle with three
terminal step-down regulators. As compared with earlier
chopper regulator products that used bipolar transistors,
the efficiency of the STK730C has been further
improved by the adoption of MOSFET and SBD
technologies, and use of the STK730C enables further
miniaturization and increased performance in the end
product since it corresponds to the adoption of a
dedicated switching controller IC. Furthermore, due to
the development of a unique MOS drive circuit, the
STK730C can be used with a single power supply input.
The STK730C can prove useful when standardizing and
rationalizing power supply circuit design, since it can
handle a wide range of power supply circuits in a
number of applications, either as the secondary side
regulator in a switching power supply or as the output
regulator following AC transformer rectification.
Applications
• Power supplies in printers and other office equipment
• Power supplies in robots and other factory automation
related equipment
• Power supplies in VCRs and other consumer products
• Secondary side regulators in switching power supplies
Features
• IMST substrate (insulated metal substrate technology)
• Efficiency improved (by 10%) by the adoption of
MOSFET and SBD technology.
• An auxiliary drive power supply is no longer required
due to the development of a unique NMOS FET drive
circuit. This means that the STK730C can be used
with a single power supply, thus allowing
simplification of the input system.
• Built-in reverse going linear overload characteristic
curve overcurrent protection circuit
• Ground line handling is eased even in multi-output
power supply structures due to placement of the
overcurrent detection resistor on the plus line.
• The STK730C’s separate excitation oscillator
structure provides high stability in the switching
frequency.
• The STK730C’s switching operating frequency is set
at 125 kHz, which minimizes beating when used in a
multiple output structure with STK731 and STK733
type products.
Package Dimensions
unit: mm
4141
[STK730C]


Similar Part No. - STK730C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK730-010 SANYO-STK730-010 Datasheet
126Kb / 6P
Self-Excitation Type Semi-Regulated Switching Regulator (110W Output)
STK730-010 SANYO-STK730-010 Datasheet
127Kb / 6P
Self-Excitation Type Semi-Regulated Switching Regulator (145W Output)?
STK730-010 SANYO-STK730-010 Datasheet
161Kb / 8P
Self-Excitation Type Semi-Regulated (World Spec) Switching Regulator (110W Output)?
STK730-010 SANYO-STK730-010 Datasheet
98Kb / 4P
Self-Excitation Type Semi-Regulated Switching Regulator (210W Output)?
logo
Inchange Semiconductor ...
STK730-010 ISC-STK730-010 Datasheet
130Kb / 3P
Self-excitation Type Semi-Regulated Switching Regulator
More results

Similar Description - STK730C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK731B SANYO-STK731B Datasheet
160Kb / 6P
12V Single Output MOS Chopper Regulator?
STK732C SANYO-STK732C Datasheet
103Kb / 6P
15 V Single Output MOS Chopper Regulator
STK733C SANYO-STK733C Datasheet
147Kb / 6P
24 V Output MOS Chopper Regulator
STK740-441 SANYO-STK740-441 Datasheet
132Kb / 10P
3.3V/5A Single Output Separate Excitation Chopper Regulator
STK740-470 SANYO-STK740-470 Datasheet
136Kb / 10P
5V/5A Single Output Separate Excitation Chopper Regulator
STK750-010 SANYO-STK750-010 Datasheet
149Kb / 8P
Chopper Regulator using MOS FET with Multi-Scan Support(1A Output Current)
STK7561G SANYO-STK7561G Datasheet
72Kb / 3P
Chopper Type Parallel 2-Output Voltage Regulator
STK7561J SANYO-STK7561J Datasheet
71Kb / 3P
Chopper Type Parallel 2-Output Voltage Regulator?
STK7563A SANYO-STK7563A Datasheet
71Kb / 3P
Chopper Type Parallel 2-Output Voltage Regulator?
logo
Sharp Corporation
PQ1CX22H2ZPQ SHARP-PQ1CX22H2ZPQ Datasheet
150Kb / 5P
Low Output Bootstrap system Chopper Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com