Electronic Components Datasheet Search
  English  ▼

X  

LTC4258 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4258
Description  Single PoE PSE Controller High Capacitance Legacy Device Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 1 Page - Linear Technology

  LTC4258 Datasheet HTML 1Page - Linear Technology LTC4258 Datasheet HTML 2Page - Linear Technology LTC4258 Datasheet HTML 3Page - Linear Technology LTC4258 Datasheet HTML 4Page - Linear Technology LTC4258 Datasheet HTML 5Page - Linear Technology LTC4258 Datasheet HTML 6Page - Linear Technology LTC4258 Datasheet HTML 7Page - Linear Technology LTC4258 Datasheet HTML 8Page - Linear Technology LTC4258 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC4274
1
4274fa
n PSE Switches/Routers
n PSE Midspans
APPLICATIONS
FEATURES
DESCRIPTION
Single PoE+ PSE Controller
The LTC®4274 is a single power sourcing equipment con-
troller designed for use in IEEE 802.3 Type 1 and Type 2
(high power) compliant Power over Ethernet systems.
External power MOSFETs enhance system reliability and
minimize channel resistance, cutting power dissipation and
eliminating the need for heatsinks even at Type 2 power
levels. External power components also allow use at very
high power levels while remaining otherwise compatible
with the IEEE standard. 80V-rated port pins provide robust
protection against external faults.
The LTC4274 includes advanced power management
features, including current and voltage readback and pro-
grammable ICUT and ILIM thresholds. Available C libraries
simplify software development; an optional AUTO pin mode
provides fully IEEE-compliant standalone operation with
no software required. Proprietary 4-point PD detection
circuitry minimizes false PD detection while supporting
legacy phone operation. Midspan operation is supported
with built-in 2-event classification and backoff timing.
Host communication is via a 1MHz I2C serial interface.
The LTC4274 is available in a 5mm × 7mm QFN package
that significantly reduces board space compared with
competing solutions.
n Compliant with IEEE 802.3at Type 1 and 2
n 0.34Ω Total Channel Resistance
130mW/Port at 600mA
n Advanced Power Management
8-Bit Programmable Current Limit (ILIM)
7-Bit Programmable Overload Currents (ICUT)
Fast Shutdown
14.5-Bit Port Current/Voltage Monitoring
2-Event Classification
n Very High Reliability 4-Point PD Detection:
2-Point Forced Voltage
2-Point Forced Current
n High Capacitance Legacy Device Detection
n LTC4259A-1 and LTC4266 SW Compatible
n 1MHz I2C Compatible Serial Control Interface
n Midspan Backoff Timer
n Supports Proprietary Power Levels Above 25W
n Available in 38-Pin 5mm × 7mm QFN Package
TYPICAL APPLICATION
Complete Ethernet High Power Source
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners.
4274 TA01
SCL
SDAIN
SDAOUT
AD0
AD1
AD2
AD3
AGND
VEE SENSE
–54V
1μF
100V
SMAJ58A
GATE
OUT
PORT
0.22μF
100V
S1B
S1B
–54V
DGND
VDD
INT
SHDN
AUTO
MSD
RESET
MID
0.1μF
3.3V
LTC4274


Similar Part No. - LTC4258

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4258 LINER-LTC4258 Datasheet
297Kb / 28P
Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
LTC4258 LINER-LTC4258 Datasheet
383Kb / 28P
Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
LTC4258 LINER-LTC4258 Datasheet
374Kb / 30P
Quad IEEE 802.3at Power over Ethernet Controller
LTC4258 LINER-LTC4258 Datasheet
504Kb / 42P
Synchronous No-Opto Flyback Controller
LTC4258 LINER-LTC4258 Datasheet
337Kb / 24P
Single IEEE 802.3af Compliant PSE Controller with Internal Switch
More results

Similar Description - LTC4258

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4266A LINER-LTC4266A Datasheet
755Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A Datasheet
724Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4274 LINER-LTC4274_15 Datasheet
362Kb / 28P
Single PoE PSE Controller
LTC4274A LINER-LTC4274A_15 Datasheet
360Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
LTC4274C LINER-LTC4274C_15 Datasheet
360Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
LTC4279 LINER-LTC4279 Datasheet
473Kb / 10P
Single Port PoE/PoE/LTPoE PSE Controller
logo
Microchip Technology
PD39210 MICROCHIP-PD39210 Datasheet
638Kb / 22P
PoE PSE Controller
2020
PD69210 MICROCHIP-PD69210 Datasheet
485Kb / 21P
PoE PSE Controller Datasheet
2020
PD69200 MICROCHIP-PD69200 Datasheet
384Kb / 20P
PoE PSE Controller
A March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com