Electronic Components Datasheet Search
  English  ▼

X  

STK732 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # STK732
Description  15 V Single Output MOS Chopper Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK732 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  STK732 Datasheet HTML 1Page - Sanyo Semicon Device STK732 Datasheet HTML 2Page - Sanyo Semicon Device STK732 Datasheet HTML 3Page - Sanyo Semicon Device STK732 Datasheet HTML 4Page - Sanyo Semicon Device STK732 Datasheet HTML 5Page - Sanyo Semicon Device STK732 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Test Circuit
STK732C
No. 4533-3/6
C1
220 µF/63 V
L1
200 µH (HP-054/TOKIN)
C2
1000 µF/25 V
Rs1
0.05
Ω
C3
0.1 µF/50 V
R1
10
Ω
C4
1 µF/50 V
C5
1000 pF
Note: Since pin 5 is grounded to the substrate, the noise level and other characteristics may be adversely affected if the heat sink is connected to the FG or
GND lines. If this is a problem either make the heat sink floating or use an insulating sheet.
P, VO, η – VIN
Input voltage, VIN – V
VO, f – Tc
Substrate temperature, Tc – °C
P, VO, η – IO
Output current, IO – A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com