Electronic Components Datasheet Search
  English  ▼

X  

LTC4264 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4264
Description  Single PoE PSE Controller High Capacitance Legacy Device Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4264 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4264 Datasheet HTML 4Page - Linear Technology LTC4264 Datasheet HTML 5Page - Linear Technology LTC4264 Datasheet HTML 6Page - Linear Technology LTC4264 Datasheet HTML 7Page - Linear Technology LTC4264 Datasheet HTML 8Page - Linear Technology LTC4264 Datasheet HTML 9Page - Linear Technology LTC4264 Datasheet HTML 10Page - Linear Technology LTC4264 Datasheet HTML 11Page - Linear Technology LTC4264 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC4274
8
4274fa
TYPICAL PERFORMANCE CHARACTERISTICS
802.3af ILIM Threshold vs
Temperature
DC Disconnect Threshold vs
Temperature
Current Limit Foldback
ADC Noise Histogram
Current Readback in Fast Mode
ADC Integral Nonlinearity
Current Readback in Fast Mode
802.3at ICUT Threshold vs
Temperature
802.3af ICUT Threshold vs
Temperature
TEMPERATURE (°C)
–40
105.00
106.50
105.75
107.25
108.00
420
423
426
429
432
040
4274 G10
80
120
VDD = 3.3V
VEE = –54V
RSENSE = 0.25Ω
REG 48h = 80h
TEMPERATURE (°C)
–40
158
161
160
159
162
163
630
636
640
648
644
652
040
4274 G11
80
120
VDD = 3.3V
VEE = –54V
RSENSE = 0.25Ω
REG 47h = E2h
TEMPERATURE (°C)
–40
93.00
94.50
93.75
95.25
96.00
372
375
378
381
384
040
4274 G12
80
120
VDD = 3.3V
VEE = –54V
RSENSE = 0.25Ω
REG 47h = D4h
ADC OUTPUT
191
0
400
350
300
250
200
150
100
50
193
192
194
4274 G15
195
196
VSENSE – VEE = 110.4mV
CURRENT SENSE RESISTOR INPUT VOLTAGE (mV)
0
0
0.5
400
4274 G16
–0.5
–1.0
100
200 250
500
1.0
300
50
150
450
350
VOUTn (V)
–54
0
900
800
700
600
500
400
300
200
100
0
225
200
175
150
125
100
75
50
25
–36
–45
–27
4274 G14
–18
–9
0
VDD = 3.3V
VEE = –54V
RSENSE = 0.25Ω
REG 48h = C0h
TEMPERATURE (°C)
–40
7.00
7.50
7.25
7.75
8.00
1.7500
1.8125
1.8750
1.9375
2.0000
040
4266 G13
80
120
VDD = 3.3V
VEE = –54V
RSENSE = 0.25Ω
REG 47h = E2h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com